Electronic Components Datasheet Search
  English  ▼

X  

UM0851 Datasheet(PDF) 127 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 123Page - STMicroelectronics UM0851 Datasheet HTML 124Page - STMicroelectronics UM0851 Datasheet HTML 125Page - STMicroelectronics UM0851 Datasheet HTML 126Page - STMicroelectronics UM0851 Datasheet HTML 127Page - STMicroelectronics UM0851 Datasheet HTML 128Page - STMicroelectronics UM0851 Datasheet HTML 129Page - STMicroelectronics UM0851 Datasheet HTML 130Page - STMicroelectronics UM0851 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 245 page
background image
UM0851
Non-volatile memory device drivers
Doc ID 16604 Rev 2
127/245
#else
err = add_mtd_device( &mtd );
#endif
The hardware control function provides access to the control pins (ALE/CLE) of the NAND
chip. Port address is assigned as per signal type.
static void spear_nand_hwcontrol(struct mtd_info *mtd, int cmd,unsigned int ctrl)
{
struct nand_chip *this = mtd->priv;
if (ctrl & NAND_CTRL_CHANGE) {
if (ctrl & NAND_CLE) {
this->IO_ADDR_R = (void __iomem*) SPEAR_START_NAND_FLASH_CMD
this->IO_ADDR_W = (void __iomem*) SPEAR_START_NAND_FLASH_CMD
} else if (ctrl & NAND_ALE) {
this->IO_ADDR_R = (void __iomem *)SPEAR_START_NAND_FLASH_ADDR
this->IO_ADDR_W = (void __iomem *)SPEAR_START_NAND_FLASH_ADDR
} else {
this->IO_ADDR_R = (void __iomem *)SPEAR_START_NAND_FLASH_ADDR
this->IO_ADDR_W = (void __iomem *)SPEAR_START_NAND_FLASH_ADDR
}
}
if (cmd != NAND_CMD_NONE)
writeb(cmd, this->IO_ADDR_W);
}
How to support a new NAND Flash
In case of a new NAND Flash chip, the following needs to be checked in the device driver:
1.
NAND chip should be listed in drivers/mtd/nand/nand_ids.h.
2.
NAND chip base address should be defined in platform device of arch/arm/mach-
spear600/spear600.c or arch/arm/mach-spear300/spear300.c.
static struct resource nand_resources[] = {
[0] = {
.start = (SPEAR_START_NAND_FLASH_MEM),
.end
= (SPEAR_START_NAND_FLASH_MEM + SPEAR_SIZE_NAND_FLASH_MEM - 1),
.flags = IORESOURCE_MEM,
},
[1] = {
.start = (SPEAR_START_NAND_FLASH_CMD),
.end
= (SPEAR_START_NAND_FLASH_CMD + SPEAR_SIZE_NAND_FLASH_CMD - 1),
.flags = IORESOURCE_MEM,
},
[2] = {
.start = (SPEAR_START_NAND_FLASH_ADDR),
.end
= (SPEAR_START_NAND_FLASH_ADDR + SPEAR_SIZE_NAND_FLASH_ADDR - 1),
.flags = IORESOURCE_MEM,
},
};
3.
NAND chip timings should be correctly programmed in FSMC (done in
spear_nand_fsmc_setup() routine in drivers/mtd/nand/spr_nand_st.c).
/* Fills the structure for Timing and other parameter */
nand_ctrl.wait_on
= FSMC_WAIT_ON;
nand_ctrl.enable_bank = FSMC_BANK_ENABLE;
nand_ctrl.mem_type = FSMC_NAND_MEM;
nand_ctrl.dev_width = FSMC_ACCESS_8;
nand_ctrl.tar = 0x04;
/* Address Latch Low to Read Enable Low */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com