Electronic Components Datasheet Search
  English  ▼

X  

UM0851 Datasheet(PDF) 241 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 241 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 237Page - STMicroelectronics UM0851 Datasheet HTML 238Page - STMicroelectronics UM0851 Datasheet HTML 239Page - STMicroelectronics UM0851 Datasheet HTML 240Page - STMicroelectronics UM0851 Datasheet HTML 241Page - STMicroelectronics UM0851 Datasheet HTML 242Page - STMicroelectronics UM0851 Datasheet HTML 243Page - STMicroelectronics UM0851 Datasheet HTML 244Page - STMicroelectronics UM0851 Datasheet HTML 245Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 241 / 245 page
background image
UM0851
Power management section
Doc ID 16604 Rev 2
241/245
10.5.3
Linux CPU freq framework
Table 67.
Linux CPUfreq framework configuration options
Configuration options
Comment
CONFIG_CPU_FREQ
This option is used to enable the CPU frequency
scaling option
Default CPU Freq Governor Choice
This option sets which CPUfreq governor is loaded
at startup. The default is Performance.
CONFIG_CPU_FREQ_GOV_PERFORMANCE
This CPUfreq governor sets the frequency
statically to the highest available CPU frequency.
CONFIG_CPU_FREQ_GOV_POWERSAVE
This CPU freq governor sets the frequency
statically to the lowest available CPU frequency.
CONFIG_CPU_FREQ_GOV_USERSPACE
Enable this CPUfreq governor when you either
want to set the CPU frequency manually or when
an user space program must be able to set the
CPU dynamically
CONFIG_CPU_FREQ_GOV_ONDEMAND
This driver adds a dynamic CPUfreq policy
governor. The governor does a periodic polling
and changes frequency based on the CPU
utilization.
CONFIG_CPU_FREQ_GOV_CONSERVATIVE
This driver is rather similar to the 'on demand'
governor both in its source code and its purpose,
the difference is its optimization for better
suitability in a battery powered environment.
CONFIG_CPU_FREQ_STAT
This driver exports CPU frequency statistics
information through sysfs file system. Presently
not supported in the driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com