Electronic Components Datasheet Search
  English  ▼

X  

LTC1266CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1266CS
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1266CS Datasheet HTML 1Page - Linear Technology LTC1266CS Datasheet HTML 2Page - Linear Technology LTC1266CS Datasheet HTML 3Page - Linear Technology LTC1266CS Datasheet HTML 4Page - Linear Technology LTC1266CS Datasheet HTML 5Page - Linear Technology LTC1266CS Datasheet HTML 6Page - Linear Technology LTC1266CS Datasheet HTML 7Page - Linear Technology LTC1266CS Datasheet HTML 8Page - Linear Technology LTC1266CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1266
LTC1266-3.3/LTC1266-5
Synchronous Regulator
Controller for
N- or P-Channel MOSFETs
S
FEATURE
DESCRIPTIO
s
Ultra-High Efficiency: Over 95% Possible
s
Drives N-Channel MOSFET for High Current or
P-Channel MOSFET for Low Dropout
s
Pin Selectable Burst Mode Operation
s
1% Output Accuracy (LTC1266A)
s
Pin Selectable Phase of Topside Driver for Boost
or Step-Down Operation
s
Wide VIN Range: 3.5V to 20V
s
On-Chip Low-Battery Detector
s
High Efficiency Maintained over Large Current Range
s
Low 170
µA Standby Current at Light Loads
s
Current Mode Operation for Excellent Line and Load
Transient Response
s
Logic Controlled Micropower Shutdown: IQ < 40µA
s
Short Circuit Protection
s
Synchronous Switching with Nonoverlaping Gate Drives
s
Available in 16-Pin Narrow SO Package
The LTC
®1266 series is a family of synchronous switching
regulator controllers featuring automatic Burst Mode
TM
operation to maintain high efficiencies at low output
currents. These devices drive external power MOSFETs at
switching frequencies up to 400kHz using a constant off-
time current mode architecture providing constant ripple
current in the inductor. They can drive either an N-channel
or a P-channel topside MOSFET.
The operating current level is user-programmable via an
external current sense resistor. Wide input supply range
allows operation from 3.5V to 18V (20V maximum).
Constant off-time architecture provides low dropout regu-
lation limited only by the RDS(ON) of the topside MOSFET
(when using the P-channel) and the resistance of the
inductor and current sense resistor.
The LTC1266 series combines synchronous switching for
maximum efficiency at high currents with an automatic
low current operating mode, called Burst Mode operation,
which reduces switching losses. Standby power is re-
duced to only 1mW at VIN = 5V (at IOUT = 0). Load currents
in Burst Mode operation are typically 0mA to 500mA.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
Figure 1. High Efficiency Step-Down Converter
LTC1266-3.3 Efficiency
LOAD CURRENT (A)
0.01
80
85
90
95
100
0.1
5
1
LTC1266 • TA02
VIN = 5V
0V = NORMAL
>1.5V = SHUTDOWN
N-CHANNEL
Si9410
+
CIN
100
µF
×2
L*
5
µH
D2
MBR0530T1
RSENSE
0.02
Ω
100k
VOUT
3.3V
5A
LOW BAT OUT
VIN
4V TO 9V
ITH
CT
SGND
CT
180pF
CC
3300pF
RC
470
Ω
+
COUT
330
µF
× 2
D1
MBRS130LT3
LTC1266 • TA01
BDRIVE
BINH
PGND
N-CHANNEL
Si9410
VIN
PWR VIN
LBOUT
LBIN
PINV
LTC1266-3.3
SHDN
SENSE+
TDRIVE
SENSE–
1000pF
CB
0.1
µF
*COILTRONICS CTXO212801
LOW BAT IN
s
Notebook and Palmtop Computers
s
Portable Instruments
s
Cellular Telephones
s
DC Power Distribution Systems
s
GPS Systems
S
APPLICATI
APPLICATI
TYPICAL


Similar Part No. - LTC1266CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1266CS LINER-LTC1266CS Datasheet
250Kb / 20P
Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266CS-3.3 LINER-LTC1266CS-3.3 Datasheet
250Kb / 20P
Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266CS-5 LINER-LTC1266CS-5 Datasheet
250Kb / 20P
Synchronous Regulator Controller for N- or P-Channel MOSFETs
More results

Similar Description - LTC1266CS

ManufacturerPart #DatasheetDescription
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
logo
Linear Technology
LTC1266 LINER-LTC1266 Datasheet
250Kb / 20P
Synchronous Regulator Controller for N- or P-Channel MOSFETs
logo
Vishay Siliconix
SI4724CY VISHAY-SI4724CY_05 Datasheet
413Kb / 8P
N-Channel Synchronous MOSFETs
14-Mar-05
logo
Linear Technology
LTC1266 LINER-LTC1266_15 Datasheet
256Kb / 20P
Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-3.3 LINER-LTC1266-3.3_15 Datasheet
256Kb / 20P
Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-5 LINER-LTC1266-5_15 Datasheet
256Kb / 20P
Synchronous Regulator Controller for N- or P-Channel MOSFETs
logo
Texas Instruments
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
N-Channel FET Synchronous Buck Regulator Controller
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com