Electronic Components Datasheet Search
  English  ▼

X  

LTC1266CS Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1266CS
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266CS Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1266CS Datasheet HTML 12Page - Linear Technology LTC1266CS Datasheet HTML 13Page - Linear Technology LTC1266CS Datasheet HTML 14Page - Linear Technology LTC1266CS Datasheet HTML 15Page - Linear Technology LTC1266CS Datasheet HTML 16Page - Linear Technology LTC1266CS Datasheet HTML 17Page - Linear Technology LTC1266CS Datasheet HTML 18Page - Linear Technology LTC1266CS Datasheet HTML 19Page - Linear Technology LTC1266CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1266
LTC1266-3.3/LTC1266-5
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1995
LT/GP 0795 10K • PRINTED IN USA
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
S Package
16-Lead Plastic SOIC
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1142
Dual High Efficiency Synchronous Step-Down Switching Regulator
Dual Version of LTC1148
LTC1143
Dual High Efficiency Step-Down Switching Regulator Controller
Dual Version of LTC1147
LTC1147
High Efficiency Step-Down Switching Regulator Controller
Nonsynchronous, 8-Lead, VIN ≤ 16V
LTC1148
High Efficiency Step-Down Switching Regulator Controller
Synchronous, VIN ≤ 20V
LTC1149
High Efficiency Step-Down Switching Regulator
Synchronous, VIN ≤ 48V, for Standard Threshold FETs
LTC1159
High Efficiency Synchronous Step-Down Switching Regulator
VIN ≤ 40V, for Logic Level FETs
LTC1174
High Efficiency Step-Down and Inverting DC/DC Converter
0.5A Switch, VIN ≤ 18.5V, Comparator
LTC1265
High Efficiency Step-Down DC/DC Converter
1.2A Switch, VIN ≤ 13V, Comparator
LTC1267
Dual High Efficiency Synchronous Step-Down Switching Regulators
Dual Version of LTC1159
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
1
2
3
4
5
6
7
8
0.150 – 0.157**
(3.810 – 3.988)
16
15
14
13
0.386 – 0.394*
(9.804 – 10.008)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
SO16 0695
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com