Electronic Components Datasheet Search
  English  ▼

X  

LTC1266CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1266CS
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1266CS Datasheet HTML 3Page - Linear Technology LTC1266CS Datasheet HTML 4Page - Linear Technology LTC1266CS Datasheet HTML 5Page - Linear Technology LTC1266CS Datasheet HTML 6Page - Linear Technology LTC1266CS Datasheet HTML 7Page - Linear Technology LTC1266CS Datasheet HTML 8Page - Linear Technology LTC1266CS Datasheet HTML 9Page - Linear Technology LTC1266CS Datasheet HTML 10Page - Linear Technology LTC1266CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1266
LTC1266-3.3/LTC1266-5
FU CTIO AL DIAGRA
Pin 10 Connection Shown for LTC1266-3.3 and LTC1266-5; Changes Create LTC1266
+
–
16
4
1
3
15 PGND
BDRIVE
TDRIVE
PINV
BINH
2
PWR VIN
R
S
Q
C
VTRIP
7
13k
ITH
PINV
1.25V
11
5
REFERENCE
SHDN
VIN
VOS
V
G
9
SENSE+
10
ADJUSTABLE
VERSION
VFB
100k
5pF
VTH1
T
–
+
VTH2
S
SLEEP
12
SIGNAL
GROUND
6
CT
OFF-TIME
CONTROL
MAX
ON-TIME
CONTROL
VIN
SENSE–
VFB
SENSE–
8
LTC1266 • FD
ENABLE
LBOUT
LBIN
VIN
14
LB
13
1.25V
REFERENCE
OPERATIO
The LTC1266 series uses a current mode, constant off-
time architecture to synchronously switch an external pair
of power MOSFETs. Operating frequency is set by an
external capacitor at the timing capacitor Pin 6.
The output voltage is sensed by an internal voltage divider
connected to Sense –, Pin 8, (LTC1266-3.3 and LTC1266-
5) or external divider returned to VFB, Pin 10, (LTC1266).
A voltage comparator V, and a gain block G, compare the
divided output voltage with a reference voltage of 1.25V.
To optimize efficiency, the LTC1266 automatically switches
between two modes of operation, burst and continuous.
The voltage comparator is the primary control element
when the device is in Burst Modeoperation, while the gain
block controls the output voltage in continuous mode.
During the switch ON cycle in continuous mode, current
comparator C monitors the voltage between Pins 8 and 9
connected across an external shunt in series with the
inductor. When the voltage across the shunt reaches its
threshold value, the topside driver output is switched to
turn off the topside MOFSET (Power VIN for P-channel or
ground for N-channel). The timing capacitor connected to
Pin 6 is now allowed to discharge at a rate determined by
the off-time controller. The discharge current is made
proportional to the output voltage (measured by Pin 8) to
model the inductor current, which decays at a rate which
is also proportional to the output voltage. While the timing
capacitor is discharging, the bottom-side drive output is
switched to power VIN to turn on the bottom-side
N-channel MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com