Electronic Components Datasheet Search
  English  ▼

X  

LTC1266CS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1266CS
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1266CS Datasheet HTML 2Page - Linear Technology LTC1266CS Datasheet HTML 3Page - Linear Technology LTC1266CS Datasheet HTML 4Page - Linear Technology LTC1266CS Datasheet HTML 5Page - Linear Technology LTC1266CS Datasheet HTML 6Page - Linear Technology LTC1266CS Datasheet HTML 7Page - Linear Technology LTC1266CS Datasheet HTML 8Page - Linear Technology LTC1266CS Datasheet HTML 9Page - Linear Technology LTC1266CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1266
LTC1266-3.3/LTC1266-5
PI FU CTIO S
TDrive (Pin 1): High Current Drive for Topside MOSFET.
This MOSFET can be either P-channel or N-channel, user
selectable by Pin 3. Voltage swing at this pin is from PWR
VIN to ground.
PWR VIN (Pin 2): Power Suppy for Drive Signals. Must be
closely decoupled to power ground (Pin 15).
PINV (Pin 3): Phase Invert. Sets the phase of the topside
driver to drive either a P-channel or an N-channel MOSFET
as follows:
P-channel: Pin 3 = 0V
N-channel: Pin 3 = PWR VIN
BINH (Pin 4): Burst Mode Operation Inhibit. A CMOS logic
high on this pin will disable the Burst Mode operation
feature forcing continuous operation down to zero load.
VIN (Pin 5): Main Supply Pin.
CT (Pin 6): External Capacitor. CT from Pin 4 to ground sets
the operating frequency. The actual frequency is also
dependent on the input voltage.
ITH (Pin 7): Gain Amplifier Decoupling Point. The current
comparator threshold increases with the Pin 7 voltage.
Sense– (Pin 8): Connects to internal resistive divider
which sets the output voltage in LTC1266-3.3 and
LTC1266-5 versions. Pin 8 is also the (–) input for the
current comparator.
Sense+ (Pin 9): The (+) Input to the Current Comparator.
A built-in offset between Pins 8 and 9 in conjunction with
RSENSE sets the current trip threshold.
VFB (Pin 10): For the LTC1266 adjustable version, Pin 10
serves as the feedback pin from an external resistive
divider used to set the output voltage. On LTC1266-3.3
and LTC1266-5 versions this pin is not used.
SHDN (Pin 11): When grounded, the LTC1266 series
operates normally. Pulling Pin 11 high holds both MOSFETs
off and puts the LTC1266 in micropower shutdown mode.
Requires CMOS logic signal with tr, tf < 1µs. Should not be
left floating.
SGND (Pin 12): Small-Signal Ground. Must be routed
separately from other grounds to the (–) terminal of COUT.
LBIN (Pin 13): Input to the Low-Battery Comparator. This
input is compared to an internal 1.25V reference.
LBOUT (Pin 14): Open Drain Output of the Low-Battery
Comparator. This pin will sink current when Pin 13 is
below 1.25V.
PGND (Pin 15): Driver Power Ground. Connects to source
of N-channel MOSFET and the (–) terminal of CIN.
BDrive (Pin 16): High Current Drive for Bottom N-Chan-
nel MOSFET. Voltage swing at Pin 16 is from ground to
PWR VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com