Electronic Components Datasheet Search
  English  ▼

X  

LTC1266CS Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1266CS
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266CS Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1266CS Datasheet HTML 12Page - Linear Technology LTC1266CS Datasheet HTML 13Page - Linear Technology LTC1266CS Datasheet HTML 14Page - Linear Technology LTC1266CS Datasheet HTML 15Page - Linear Technology LTC1266CS Datasheet HTML 16Page - Linear Technology LTC1266CS Datasheet HTML 17Page - Linear Technology LTC1266CS Datasheet HTML 18Page - Linear Technology LTC1266CS Datasheet HTML 19Page - Linear Technology LTC1266CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LTC1266
LTC1266-3.3/LTC1266-5
APPLICATIO S I FOR ATIO
times helpful in eliminating instabilities at high input
voltage and high output loads.
6. Is the Shutdown (Pin 11) actively pulled to ground
during normal operation? The Shutdown pin is high
impedance and must not be allowed to float. The Select
(Pins 3 and 4) are also high impedance and must be tied
high or low depending on the application.
3. Are the Sense – and Sense + leads routed together with
minimum PC trace spacing? The 1000pF capacitor
between Pins 8 and 9 should be as close as possible to
the LTC1266.
4. Does the (+) plate of CIN connect to the source of the
topside MOSFET as closely as possible? This capacitor
provides the AC current to the topside MOSFET.
5. A 0.1
µF to 1µF decoupling capacitor connected be-
tween VIN (Pin 5) and ground is optional, but is some-
TYPICAL APPLICATIO S (Layout Assist Schematics)
Figure 11. Low Dropout, 3.3V/3A High Efficiency Regulator
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TDRIVE
PWR VIN
PINV
BINH
VIN
CT
ITH
SENSE–
BDRIVE
PGND
LBOUT
LBIN
SGND
SHDN
NC
SENSE+
LTC1266-3.3
1
µF
1000pF
SHUTDOWN
BINH
RSENSE
0.033
Ω
L*
10
µH
Si9410DY
D1
MBRS140T3
Si9430DY
+
CIN
100
µF
25V
VIN
≈3.9V TO 18V
(VIN(MIN) = 3.5V IF ILOAD < 0.8A)
COUT
220
µF
10V
2
×
VOUT
3.3V
3A
CC
3300pF
RC
1k
CT
220pF
LTC1266 • F11
DALE LPT4545-A001
COILTRONICS CTX10-4
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com