Electronic Components Datasheet Search
  English  ▼

X  

LTC1266CS Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1266CS
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1266CS Datasheet HTML 10Page - Linear Technology LTC1266CS Datasheet HTML 11Page - Linear Technology LTC1266CS Datasheet HTML 12Page - Linear Technology LTC1266CS Datasheet HTML 13Page - Linear Technology LTC1266CS Datasheet HTML 14Page - Linear Technology LTC1266CS Datasheet HTML 15Page - Linear Technology LTC1266CS Datasheet HTML 16Page - Linear Technology LTC1266CS Datasheet HTML 17Page - Linear Technology LTC1266CS Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1266
LTC1266-3.3/LTC1266-5
APPLICATIO S I FOR ATIO
power MOSFET is 15nC. This results in IGATECHG = 6mA
in 200kHz continuous operation for a 2% to 3% typical
mid-current loss with VIN = 5V.
Note that the gate charge loss increases directly with
both input voltage and operating frequency. This is the
principal reason why the highest efficiency circuits
operate at moderate frequencies. Furthermore, it ar-
gues against using larger MOSFETs than necessary to
control I
2R losses, since overkill can cost efficiency as
well as money!
3. I
2R losses are easily predicted from the DC resistances
of the MOSFET, inductor and current shunt. In continu-
ous mode the average output current flows through L
and RSENSE, but is “chopped” between the topside and
bottom-side MOSFETs. If the two MOSFETs have ap-
proximately the same RDS(ON), then the resistance of
one MOSFET can simply be summed with the resis-
tances of L and RSENSE to obtain I2R losses. For
example, if each RDS(ON) = 0.05Ω, RL = 0.05Ω and
RSENSE = 0.02Ω, then the total resistance is 0.12Ω. This
results in losses ranging from 3.5% to 15% as the
output current increases from 1A to 5A. I2R losses
cause the efficiency to roll off at high output currents.
Figure 8 shows how the efficiency losses in a typical
LTC1266 series regulator end up being apportioned. The
gate charge loss is responsible for the majority of the
efficiency lost in the mid-current region. If Burst Mode
operation was not employed at low currents, the gate
charge loss alone would cause efficiency to drop to
discharge COUT until the regulator loop adapts to the
current change and returns VOUT to its steady-state value.
During this recovery time VOUT can be monitored for
overshoot or ringing which would indicate a stability
problem. The Pin 7 external components shown in the
Figure 1 circuit will prove adequate compensation for
most applications.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can be
expressed as:
% Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc., are the individual losses as a percent-
age of input power. (For high efficiency circuits, only small
errors are incurred by expressing losses as a percentage
of output power).
Although all dissipative elements in the circuit produce
losses, three main sources usually account for most of the
losses in LTC1266 series circuits: 1) LTC1266 DC bias
current, 2) MOSFET gate charge current and 3) I
2R losses.
1. The DC supply current is the current which flows into
VIN (Pin 2). For VIN = 10V the LTC1266 DC supply
current is 170
µA for no load, and increases proportion-
ally with load up to a constant 2.1mA after the LTC1266
series has entered continuous mode. Because the DC
bias current is drawn from VIN, the resulting loss
increases with input voltage. For VIN = 5V the DC bias
losses are generally less than 1% for load currents over
30mA. However, at very low load currents the DC bias
current accounts for nearly all of the loss.
2. MOSFET gate charge current results from switching the
gate capacitance of the power MOSFETs. Each time a
MOSFET gate is switched from low to high to low again,
a packet of charge dQ moves from Power VIN to ground.
The resulting dQ/dt is a current flowing into Power VIN
(Pin 5) which is typically much larger than the DC
supply current. In continuous mode, IGATECHG = f (QN +
QP). The typical gate charge for a 0.05Ω N-channel
Figure 8. Efficiency Loss
IOUT (A)
0.01
90
95
1
LTC1266 • F08
85
80
0.03
0.1
0.3
5
100
GATE CHARGE
LTC1266 IQ
I2R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com