Electronic Components Datasheet Search
  English  ▼

X  

LTC1266CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1266CS
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1266CS Datasheet HTML 8Page - Linear Technology LTC1266CS Datasheet HTML 9Page - Linear Technology LTC1266CS Datasheet HTML 10Page - Linear Technology LTC1266CS Datasheet HTML 11Page - Linear Technology LTC1266CS Datasheet HTML 12Page - Linear Technology LTC1266CS Datasheet HTML 13Page - Linear Technology LTC1266CS Datasheet HTML 14Page - Linear Technology LTC1266CS Datasheet HTML 15Page - Linear Technology LTC1266CS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LTC1266
LTC1266-3.3/LTC1266-5
APPLICATIO S I FOR ATIO
Driving N-Channel Topside MOSFETs
Driving an N-channel topside MOSFET (PINV, Pin 3, tied to
PWR VIN) is a little trickier than driving a P-channel since
the gate voltage must be positive with respect to the
source to turn it on, which means that the gate voltage
must be higher than VIN. This requires either a second
supply at least VGS(ON) above VIN or a bootstrapping circuit
to boost the VIN to the proper level. The easiest method is
using a higher supply (see Figure 14) but if one is not
available, the bootstrap method can be used at the ex-
pense of an additional diode (see Figure 1). The bootstrap
works by charging the bootstrap capacitor to VIN during
the off-time. During the on-time, the bottom plate of the
capacitor is pulled up to VIN so that the voltage at Pin 2 is
now twice VIN (plus any ringing on the switch node).
Since the maximum allowable voltage at Pin 2 is 20V, the
Figure 1 bootstrap circuit limits VIN to less than 10V. A
higher VIN can be achieved if the bootstrap capacitor is
charged to a voltage less than VIN, in which case
VIN(MAX) = 20 – VCAP.
N-channel mode, internal circuitry limits the maximum
on-time to 60
µs to guarantee start-up of the bootstrap
circuit. This maximum on-time reduces the maximum
duty cycle to:
Max Duty Cycle =
60
µs
60
µs + tOFF
which slightly increases the minimum input voltage at
which dropout occurs. However, because of the superior
on-conductance of the N-channel, the dropout perfor-
mance of an all N-channel regulator is still better (see
Figure 5) even with the duty cycle limitation, except at light
loads.
Low-Battery Comparator
The LTC1266 has an on-chip low-battery comparator
which can be used to sense a low-battery condition when
implemented as shown in Figure 6. The resistor divider
R1, R2 sets the comparator trip point as follows:
VTRIP = 1.25
)
)1+ R2
R1
(VIN – VOUT) VOLTAGE (V)
0
600
800
1000
4
LTC1266 • F04
400
200
0
1
2
3
5
L = 50
µH
RSENSE = 0.02Ω
L = 25
µH
RSENSE = 0.02Ω
L = 50
µH
RSENSE = 0.05Ω
Figure 4. Minimum Value of COUT
series would normally be in continuous operation. The
output remains in regulation at all times. This minimum
capacitance requirement may be relaxed if Burst Mode
operation is disabled.
N-Channel vs P-Channel MOSFETs
The LTC1266 has the capability to drive either an
N-channel or a P-channel topside switch to give the user
more flexibility. N-channel MOSFETs are superior in per-
formance to P-channel due to their lower RDS(ON) and
lower gate capacitance and are typically less expensive;
however, they do have a slightly more complicated gate
drive requirement and a more limited input voltage range
(see following sections).
Driving P-Channel Topside MOSFETs
The P-channel topside switch circuit configuration is the
most straightforward due to the requirement of only one
supply voltage level. This is due to the negative gate
threshold of the P-channel MOSFET which allows the
MOSFET to be switched on and off by swinging the gate
between VIN and ground. The phase invert (Pin 3) is tied
to ground to choose this operating mode. Normally, the
converter input (VIN) is connected to the LTC1266 supply
Pins 2 and 5 and can go as high as 20V. Pin 2 supplies the
high frequency current pulses to switch the MOSFETs and
should be decoupled with a 0.1
µF to 1µF ceramic capaci-
tor. Pin 5 supplies most of the quiescent power to the rest
of the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com