Electronic Components Datasheet Search
  English  ▼

X  

UPD77112GC Datasheet(PDF) 28 Page - NEC

Part # UPD77112GC
Description  16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77112GC Datasheet(HTML) 28 Page - NEC

Back Button UPD77112GC Datasheet HTML 24Page - NEC UPD77112GC Datasheet HTML 25Page - NEC UPD77112GC Datasheet HTML 26Page - NEC UPD77112GC Datasheet HTML 27Page - NEC UPD77112GC Datasheet HTML 28Page - NEC UPD77112GC Datasheet HTML 29Page - NEC UPD77112GC Datasheet HTML 30Page - NEC UPD77112GC Datasheet HTML 31Page - NEC UPD77112GC Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
Data Sheet U12801EJ4V0DS00
28
µµµµPD77110, 77111, 77112
7.1.2 Interrupt vector table
Addresses 0x200 through 0x23F of the instruction memory are entry points (vectors) of interrupts.
Four
instruction addresses are assigned to each interrupt source.
Vector
Interrupt Source
0x200
Reset
0x204
0x208
0x20C
Reserved
0x210
INT1
0x214
INT2
0x218
INT3
0x21C
INT4
0x220
SI1 input
0x224
SO1 output
0x228
SI2 input
0x22C
SO2 output
0x230
HI input
0x234
HO output
0x238
0x23C
Reserved
Cautions
1. Although reset is not an interrupt, it is handled like an interrupt as an entry to a vector.
2. It is recommended that unused interrupt source vectors be used to branch an error
processing routine.
3. Because a vector area also exists in the internal RAM area of the mask ROM model, this
area must be booted up.
In addition, because the entry address after reset is 0x200,
address 0x200 must be booted up even when the internal instruction RAM and interrupts are
not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com