Electronic Components Datasheet Search
  English  ▼

X  

UPD77112GC Datasheet(PDF) 4 Page - NEC

Part # UPD77112GC
Description  16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77112GC Datasheet(HTML) 4 Page - NEC

  UPD77112GC Datasheet HTML 1Page - NEC UPD77112GC Datasheet HTML 2Page - NEC UPD77112GC Datasheet HTML 3Page - NEC UPD77112GC Datasheet HTML 4Page - NEC UPD77112GC Datasheet HTML 5Page - NEC UPD77112GC Datasheet HTML 6Page - NEC UPD77112GC Datasheet HTML 7Page - NEC UPD77112GC Datasheet HTML 8Page - NEC UPD77112GC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
Data Sheet U12801EJ4V0DS00
4
µµµµPD77110, 77111, 77112
PIN CONFIGURATION
+2.5 V
+3 V
IVDD
EVDD
Reset, interrupt
System control
Data bus
control
Clock
External data
memory
Serial interface #1
Serial interface #2
Host interface
Port
For debugging
(4)
(4)
(3)
(15)
(16)
(2)
(4)
(2)
(8)
SO1
SORQ1
SOEN1
SCK1
SI1
SIEN1
SIAK1
RESET
INT1 - INT4
CLKIN
CLKOUT
PLL0 - PLL2
Note 1
WAKEUP
Note 2
DA0 - DA14
Note 3
X/Y
D0 - D15
MRD
MWR
HOLDRQ
HOLDAK
BSTB
SO2
SOEN2
SCK2
SI2
SIEN2
HCS
HA0, HA1
HRD
HRE
HWR
HWE
HD0 - HD7
TDO, TICE
TCK, TDI, TMS, TRST
P0 - P3
GND
Note 4
Notes 1. These pins are provided only on the
µPD77110.
2. With the
µPD77111 and 77112, the function of this pin can be activated or deactivated by mask option.
With the
µPD77110, this function is always valid.
3. DA14 is not provided on the
µPD77112.
4. An external data memory interface is not provided on the
µPD77111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com