Electronic Components Datasheet Search
  English  ▼

X  

UPD77112GC Datasheet(PDF) 69 Page - NEC

Part # UPD77112GC
Description  16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77112GC Datasheet(HTML) 69 Page - NEC

Back Button UPD77112GC Datasheet HTML 65Page - NEC UPD77112GC Datasheet HTML 66Page - NEC UPD77112GC Datasheet HTML 67Page - NEC UPD77112GC Datasheet HTML 68Page - NEC UPD77112GC Datasheet HTML 69Page - NEC UPD77112GC Datasheet HTML 70Page - NEC UPD77112GC Datasheet HTML 71Page - NEC UPD77112GC Datasheet HTML 72Page - NEC UPD77112GC Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
Data Sheet U12801EJ4V0DS00
69
µµµµPD77110, 77111, 77112
µPD77111, 77112
General-purpose I/O Port
Timing requirements
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Port input setup time
tsuPI
0ns
IVDD = 1.8 to 2.7 V
15
ns
Port input hold time
thPI
IVDD = 2.3 to 2.7 V
10
ns
Switching characteristics
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
IVDD = 1.8 to 2.7 V
30
ns
Port output delay time
tdPO
IVDD = 2.3 to 2.7 V
25
ns
General-purpose I/O port timing
CLKIN
P0 - P3
(Output)
tdPO
thPI
tsuPI
P0 - P3
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com