Electronic Components Datasheet Search
  English  ▼

X  

UPD77112GC Datasheet(PDF) 20 Page - NEC

Part # UPD77112GC
Description  16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77112GC Datasheet(HTML) 20 Page - NEC

Back Button UPD77112GC Datasheet HTML 16Page - NEC UPD77112GC Datasheet HTML 17Page - NEC UPD77112GC Datasheet HTML 18Page - NEC UPD77112GC Datasheet HTML 19Page - NEC UPD77112GC Datasheet HTML 20Page - NEC UPD77112GC Datasheet HTML 21Page - NEC UPD77112GC Datasheet HTML 22Page - NEC UPD77112GC Datasheet HTML 23Page - NEC UPD77112GC Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
Data Sheet U12801EJ4V0DS00
20
µµµµPD77110, 77111, 77112
2. FUNCTION OUTLINE
2.1 Program Control Unit
This unit is used to execute instructions, and control branching, loops, interrupts, the clock, and the standby mode
of the DSP.
2.1.1 CPU control
A three-stage pipeline architecture is employed and almost all the instructions, except some instructions such as
branch instructions, are executed in one system clock.
2.1.2 Interrupt control
Interrupt requests input from external pins (INT1 through INT4) or generated by the internal peripherals (serial
interface and host interface) are serviced.
The interrupt of each interrupt source can be enabled or disabled.
Multiple interrupts are also supported.
2.1.3 Loop control task
A loop function without any hardware overhead is provided. A loop stack with four levels is provided to support
multiple loops.
2.1.4 PC stack
A 15-level PC stack that stores the program counter supports multiple interrupts and subroutine calls.
2.1.5 PLL
A PLL is provided as a clock generator that can multiply or divide an external clock input to supply an operating
clock to the DSP. The multiplication and division ratio are set as follows:
•
µPD77110: A multiple of ×1 to ×8 is specified by an external pin (division ratio is fixed).
•
µPD77111 and 77112: A multiple of ×1 to ×16 or a division ratio of 1/1 to 1/16 can be set by a mask option.
Two standby modes are available for lowering the power consumption while the DSP is not in use.
•
HALT mode : Set by execution of the HALT instruction. The current consumption drops to several mA. The
normal operation mode is recovered by an interrupt or hardware reset.
•
STOP mode: Set by execution of the STOP instruction. The current consumption drops to several 10
µA. The
normal operation mode is recovered by hardware reset or WAKEUP pin
Note.
Note If the WAKEUP function is activated by mask option
2.1.6 Instruction memory
The capacity and type of the memory differ depending on the model of the DSP.
64 words of the instruction RAM are allocated to interrupt vectors.
A boot-up ROM that boots up the instruction RAM is provided, and the instruction RAM can be initialized or
rewritten by self boot (boot from the internal data ROM or external data space) or host boot (boot via host interface).
•
µPD77110: 35.5K-word RAM
•
µPD77111, 77112: 1K-word RAM and 31.75K-word ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com