Electronic Components Datasheet Search
  English  ▼

X  

UPD77112GC Datasheet(PDF) 45 Page - NEC

Part # UPD77112GC
Description  16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77112GC Datasheet(HTML) 45 Page - NEC

Back Button UPD77112GC Datasheet HTML 41Page - NEC UPD77112GC Datasheet HTML 42Page - NEC UPD77112GC Datasheet HTML 43Page - NEC UPD77112GC Datasheet HTML 44Page - NEC UPD77112GC Datasheet HTML 45Page - NEC UPD77112GC Datasheet HTML 46Page - NEC UPD77112GC Datasheet HTML 47Page - NEC UPD77112GC Datasheet HTML 48Page - NEC UPD77112GC Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
Data Sheet U12801EJ4V0DS00
45
µµµµPD77110, 77111, 77112
µPD77110
External Data Memory Access
Timing requirements
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Read data setup time
tsuDDRD
18
ns
Read data hold time
thDDRD
0ns
Switching characteristics
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Address cycle time
trcDA
tcC + (tcC
× tcDW)Note
ns
Address output hold time
thDA
0ns
MRD output delay time
tdDR
5ns
Write data output valid time
tvDDWD
5ns
Write data output hold time
thDDWD
0ns
MWR output delay time
tdDW
0
0.5 tcC
ns
MWR output hold time
thDA
0ns
MWR low-level width
twDWL
tcC
× tcDW − 3
ns
MWR high-level width
twDWH
0.5 tcC
− 3ns
Note tcDW: Number of data wait cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com