Electronic Components Datasheet Search
  English  ▼

X  

UPD77112GC Datasheet(PDF) 75 Page - NEC

Part # UPD77112GC
Description  16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77112GC Datasheet(HTML) 75 Page - NEC

Back Button UPD77112GC Datasheet HTML 71Page - NEC UPD77112GC Datasheet HTML 72Page - NEC UPD77112GC Datasheet HTML 73Page - NEC UPD77112GC Datasheet HTML 74Page - NEC UPD77112GC Datasheet HTML 75Page - NEC UPD77112GC Datasheet HTML 76Page - NEC UPD77112GC Datasheet HTML 77Page - NEC UPD77112GC Datasheet HTML 78Page - NEC UPD77112GC Datasheet HTML 79Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
Data Sheet U12801EJ4V0DS00
75
µµµµPD77110, 77111, 77112
12. RECOMMENDED SOLDERING CONDITIONS
It is recommended to solder this product under the following conditions.
For details of the recommended soldering conditions, refer to information document “SEMICONDUCTOR DEVICE
MOUNTING TECHNOLOGY MANUAL” (C10535E).
For soldering methods and conditions other than those recommended, consult NEC.
Surface mount type
µµµµPD77110GC-9EU: 100-pin plastic TQFP (fine pitch) (14 ×××× 14 mm)
µµµµPD77111GK-xxx-9EU: 80-pin plastic TQFP (fine pitch) (12 ×××× 12 mm)
Process
Conditions
Symbol
Infrared ray reflow
Package peak temperature: 235
°C, Time: 30 seconds MAX (210°C MIN),
Number of times: 2 MAX, Number of days: 3
Note (after that, prebaking is
necessary for 10 hours)
IR35-103-2
VPS
Package peak temperature: 215
°C, Time: 30 seconds MAX (210°C MIN),
Number of times: 2 MAX, Number of days: 3
Note (after that, prebaking is
necessary for 10 hours)
VP15-103-2
Partial heating method
Pin temperature: 300
°C MAX, Time: 3 seconds MAX (per side of device)
−
µµµµPD77112GC-xxx-9EU: 100-pin plastic TQFP (fine pitch) (14 ×××× 14 mm)
Process
Conditions
Symbol
Infrared ray reflow
Package peak temperature: 235
°C, Time: 30 seconds MAX (210°C MIN),
Number of times: 3 MAX, Number of days: 7
Note (after that, prebaking is
necessary for 10 hours)
IR35-107-3
VPS
Package peak temperature: 215
°C, Time: 30 seconds MAX (210°C MIN),
Number of times: 3 MAX, Number of days: 7
Note (after that, prebaking is
necessary for 10 hours)
VP15-107-3
Partial heating method
Pin temperature: 300
°C MAX, Time: 3 seconds MAX (per side of device)
−
Note Number of days in storage after the dry pack has been opened. The storage conditions are at 25
°C, 65%
RH MAX.
Caution Do not use two or more soldering methods in combination (except partial heating method).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com