Electronic Components Datasheet Search
  English  ▼

X  

LTC2123 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2123
Description  Dual 14-Bit 250Msps ADC with JESD204B Serial Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2123 Datasheet(HTML) 1 Page - Linear Technology

  LTC2123 Datasheet HTML 1Page - Linear Technology LTC2123 Datasheet HTML 2Page - Linear Technology LTC2123 Datasheet HTML 3Page - Linear Technology LTC2123 Datasheet HTML 4Page - Linear Technology LTC2123 Datasheet HTML 5Page - Linear Technology LTC2123 Datasheet HTML 6Page - Linear Technology LTC2123 Datasheet HTML 7Page - Linear Technology LTC2123 Datasheet HTML 8Page - Linear Technology LTC2123 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
LTC2123
1
2123fb
For more information www.linear.com/LTC2123
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual 14-Bit 250Msps ADC
with JESD204B Serial Outputs
The LTC®2123 is a 2-channel simultaneous sampling
250Msps 14-bit A/D converter with serial JESD204B
outputs. It is designed for digitizing high frequency,
wide dynamic range signals. It is perfect for demanding
communications applications with AC performance that
includes 70dBFS SNR and 90dBFS spurious free dynamic
range (SFDR). The 1.25GHz input bandwidth allows the
ADC to under-sample high frequencies.
The 5Gbps JESD204B serial interface simplifies the PCB
design by minimizing the number of data lines required.
The DEVCLK+ and DEVCLK– inputs can be driven differ-
entially with sine wave, PECL, or LVDS signals. An optional
clock divide-by-two circuit or clock duty cycle stabilizer
maintains high performance at full speed for a wide range
of clock duty cycles.
64k Point 2-Tone FFT,
fIN = 71.1MHz and 69MHz,
–7dBFS, 250Msps
APPLICATIONS
n
5Gbps JESD204B Interface
n
70dBFS SNR
n
90dBFS SFDR
n
Low Power: 864mW Total
n
Single 1.8V Supply
n
Easy to Drive 1.5VP-P Input Range
n
1.25GHz Full Power Bandwidth S/H
n
Optional Clock Divide by Two
n
Optional Clock Duty Cycle Stabilizer
n
Low Power Sleep and Nap Modes
n
Serial SPI Port for Configuration
n
48-Lead (7mm × 7mm) QFN Package
n
Communications
n
Cellular Base Stations
n
Software Defined Radios
n
Medical Imaging
n
High Definition Video
n
Test and Measurement Instrumentation
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
SERIALIZER
JESD204B
LOGIC
ANALOG
INPUT
CLOCK
(250MHz OR
500MHz)
14-BIT ADC
LTC2123
JESD204B
FPGA OR ASIC
50
50
OVDD
1.2V TO 1.9V
5Gbps
SERIALIZER
PLL
CLOCK
÷ 2 OR ÷ 1
JESD204B
LOGIC
ANALOG
INPUT
14-BIT ADC
50
50
OVDD
1.2V TO 1.9V
5Gbps
2123 TA01a
2123 TA01b
–120
–100
–80
–60
–40
–20
0
0
40
60
20
80
100
120
FREQUENCY (MHz)


Similar Part No. - LTC2123

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2123 LINER-LTC2123 Datasheet
834Kb / 14P
14-Bit, 250Msps to 170Msps Dual ADCs with JESD204B Outputs
More results

Similar Description - LTC2123

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
May 19, 2011
logo
Linear Technology
LTC2157-14 LINER-LTC2157-14 Datasheet
644Kb / 34P
Dual 14-Bit 250Msps
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
ADC1443D125HD-C1 IDT-ADC1443D125HD-C1 Datasheet
928Kb / 50P
Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
logo
Linear Technology
LTC2122 LINER-LTC2122_15 Datasheet
930Kb / 50P
Dual 14-Bit 170Msps ADC with JESD204B Serial Outputs
logo
Intersil Corporation
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
logo
Linear Technology
LTC2123 LINER-LTC2123 Datasheet
834Kb / 14P
14-Bit, 250Msps to 170Msps Dual ADCs with JESD204B Outputs
logo
Renesas Technology Corp
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ADC1453D RENESAS-ADC1453D Datasheet
3Mb / 49P
Dual 14-bit ADC; up to 246 Msps; JESD204B serial outputs
6 June 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com