Electronic Components Datasheet Search
  English  ▼

X  

LTC2123 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC2123
Description  Dual 14-Bit 250Msps ADC with JESD204B Serial Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2123 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC2123 Datasheet HTML 35Page - Linear Technology LTC2123 Datasheet HTML 36Page - Linear Technology LTC2123 Datasheet HTML 37Page - Linear Technology LTC2123 Datasheet HTML 38Page - Linear Technology LTC2123 Datasheet HTML 39Page - Linear Technology LTC2123 Datasheet HTML 40Page - Linear Technology LTC2123 Datasheet HTML 41Page - Linear Technology LTC2123 Datasheet HTML 42Page - Linear Technology LTC2123 Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
LTC2123
39
2123fb
For more information www.linear.com/LTC2123
APPLICATIONS INFORMATION
Register A4: Bank ID (Address 04h)
D7
D6
D5
D4
D3-D0
X
X
X
X
BID[3:0]
Bits 7-4
Unused Bits
Bits 3-0
BID[3:0]
Bank ID. Default value is 0000
BID is defined in JEDS204B 8.3. Provided as an extension to the DID word. It is only used during the transmission of an initial lane
alignment sequence, and does not impact the configuration or functionality of the ADC or serial link
Register A5: Number of Lanes –1 (Address 05h)
D7
D6
D5
D4
D3
D2-D0
X
X
X
X
X
L–1[2:0]
Bits 7-3
Unused Bits
Bits 2-0
L–1[2:0]
The value of L configures the device. It is also transmitted in the Lane Alignment Sequence
001 = 2 Lanes (One Lane per ADC, Default Setting)
011 = 4 Lanes (Two Lanes per ADC)
Register A6: Number of Frames Per Multiframe –1 (Address 06h)
D7
D6
D5
D4-D0
X
X
X
K–1[4:0]
Bits 7-5
Unused Bits
Bits 4-0
K–1[4:0]
Frames Per Multiframe minus 1. Default value is 01111 (16 frames per multiframe)
K is defined in JEDS204B 5.3.3.5. For both two and four lane operation, the minimum valid value of K is 9 (K–1 = 01000) and the
maximum valid value is 32 (K–1 = 11111)
Register A7: JESD204B Modes (Address 07h)
D7
D6
D5
D4
D3
D2
D1
D0
X
X
LAS_dis
LAM_dis
FAM_dis
0
RST_dis
SCR_en
Bits 7-6
Unused Bits
Bit 5
LAS_dis
0 = Lane Alignment Sequence Enabled (Default Setting)
1 = Lane Alignment Sequence Disabled
Bit 4
LAM_dis
0 = Lane Alignment Monitor Enabled (Default Setting)
1 = Lane Alignment Monitor Disabled
Bit 3
FAM_dis
0 = Frame Alignment Monitor Enabled (Default Setting)
1 = Frame Alignment Monitor Disabled
Bit 2
Reserved bit. Set to 0
Bit 1
RST_dis
0 = In Subclass 1, SYSREF Reset of Dividers is Enabled (Default Setting)
In Subclass 2 SYNC~ Reset of Dividers is Enabled (Default Setting)
1 = In Subclass 1, SYSREF Reset of Dividers is Disabled
In Subclass 2 SYNC~ Reset of Dividers is Disabled
Bit 0
SCR_en
0 = Scrambling is Disabled (Default Setting)
1 = Scrambling is Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com