Electronic Components Datasheet Search
  English  ▼

X  

LTC2123 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2123
Description  Dual 14-Bit 250Msps ADC with JESD204B Serial Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2123 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2123 Datasheet HTML 17Page - Linear Technology LTC2123 Datasheet HTML 18Page - Linear Technology LTC2123 Datasheet HTML 19Page - Linear Technology LTC2123 Datasheet HTML 20Page - Linear Technology LTC2123 Datasheet HTML 21Page - Linear Technology LTC2123 Datasheet HTML 22Page - Linear Technology LTC2123 Datasheet HTML 23Page - Linear Technology LTC2123 Datasheet HTML 24Page - Linear Technology LTC2123 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
LTC2123
21
2123fb
For more information www.linear.com/LTC2123
APPLICATIONS INFORMATION
If the common mode of the driver is within 1.1V to 1.5V, it
is possible to drive the DEVCLK inputs directly. Otherwise
a transformer or coupling capacitors are needed (Figures
9 and 10). The maximum (peak) voltage of the input signal
should never exceed VDD +0.1V or go below –0.1V.
The ADC sample clock is derived from DEVCLK. For good
performance the sample clock should have a 50% (±5%)
duty cycle. There are two programmable options provided
in the LTC2123 that will ensure a 50% duty cycle sample
clock:
1) An optional DEVCLK divide-by-two circuit is provided
in the clock path to convert a 2X harmonic DEVCLK to
a 50% duty cycle sample clock. The 2X_CLK option is
enabled via SPI register 2, bit 2.
2) If a 2X clock is not available, the clock Duty Cycle
Stabilizer (DCS) circuit may be enabled. When enabled,
the DEVCLK duty cycle can vary from 30% to 70% and
the duty cycle stabilizer will maintain a constant 50%
internal duty cycle. The duty cycle stabilizer is enabled
via SPI register 2, bit 0. If the 2X_CLK option is selected
in the SPI register the Duty Cycle Stabilizer is disabled
regardless of the state of the DCS_en bit.
Forapplicationswherethesamplerateneedstobechanged
quickly and a 2X clock is not available, both the 2X_CLK
and the clock duty cycle stabilizer may be disabled. In this
case, care should be taken to make the DEVCLK a 50%
(±5%) duty cycle.
Overflow Detection
An overflow (OF) is detected when the analog inputs
are either over-ranged or under-ranged. There are two
mechanisms for reporting an OF event:
1) The OF bit is transmitted as part of the serial bit stream
following the LSB of the ADC data.
2) There is a separate LVDS output pair dedicated to early
indication of an OF event. The LVDS OF indicator has a
latency of 6 sample clock cycles. Both ADC OF signals
are multiplexed to one output pair at double data rate.
The Channel A OF signal is active on the first half of
the internal sample clock and the Channel B OF signal
is active on the second half of the cycle.
The LVDS OF indicator is output at standard LVDS levels:
3.5mA output current and a 1.25V output common mode
voltage. An external 100Ω differential termination resistor
is required to function properly. The termination resis-
tor should be located as close as possible to the LVDS
receiver. If used, this LVDS output pair is enabled via SPI
register 2, bit 1.
DATA FORMAT
Table 1 shows the relationship between the analog input
voltage, the digital data output bits and the overflow bit.
The output data format is offset binary.
Figure 9. Sinusoidal DEVCLK Drive
LTC2123
VDD
2123 F09
1.2V
10k
10k
50
100
50
0.1µF
0.1µF
0.1µF
T1: MACOM
ETC1-1-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com