Electronic Components Datasheet Search
  English  ▼

X  

LTC2123 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2123
Description  Dual 14-Bit 250Msps ADC with JESD204B Serial Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2123 Datasheet(HTML) 2 Page - Linear Technology

  LTC2123 Datasheet HTML 1Page - Linear Technology LTC2123 Datasheet HTML 2Page - Linear Technology LTC2123 Datasheet HTML 3Page - Linear Technology LTC2123 Datasheet HTML 4Page - Linear Technology LTC2123 Datasheet HTML 5Page - Linear Technology LTC2123 Datasheet HTML 6Page - Linear Technology LTC2123 Datasheet HTML 7Page - Linear Technology LTC2123 Datasheet HTML 8Page - Linear Technology LTC2123 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
LTC2123
2
2123fb
For more information www.linear.com/LTC2123
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
VDD, OVDD...................................................... 0.3V to 2V
Analog Input Voltage
AINA/B+, AINA/B– ....................... –0.3V to (VDD + 0.2V)
SENSE (Note 3)............................ –0.3V to (VDD + 0.2V)
Digital Input Voltage
DEVCLK+, DEVCLK–, SYSREF+, SYSREF–,
SYNC~+, SYNC~– (Note 3)....... –0.3V to (VDD + 0.3V)
CS, SDI, SCK (Note 4) .......................... –0.3V to 3.9V
SDO (Note 4) ............................................ –0.3V to 3.9V
Digital Output Voltage.................. –0.3V to (VDD + 0.3V)
Operating Ambient Temperature Range
LTC2123C ................................................ 0°C to 70°C
LTC2123I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
TOP VIEW
49
GND
UK PACKAGE
48-LEAD (7mm × 7mm) PLASTIC QFN
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
VDD
GND
AINA+
AINA–
SENSE
VREF
VCM
GND
AINB–
AINB+
GND
VDD
OVDD
OVDD
CMLOUT_A1+
CMLOUT_A1–
CMLOUT_A0+
CMLOUT_A0–
CMLOUT_B0+
CMLOUT_B0–
CMLOUT_B1+
CMLOUT_B1–
OVDD
OVDD
TJMAX = 150°C, θJA = 28°C/W
EXPOSED PAD (PIN 49) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
CONVERTER CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
l
14
Bits
Integral Linearity Error
Differential Analog Input (Note 6)
l
–5.5
±0.85
5.5
LSB
Differential Linearity Error
Differential Analog Input
l
–0.9
±0.25
0.9
LSB
Offset Error
(Note 7)
l
–13
±5
13
mV
Gain Error
Internal Reference
External Reference
l
–4.0
±1.5
±1
2.2
%FS
%FS
Offset Drift
±20
µV/ºC
Full-Scale Drift
Internal Reference
External Reference
±30
±10
ppm/ºC
ppm/ºC
Transition Noise
1.82
LSBRMS
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2123CUK#PBF
LTC2123CUK#TRPBF
LTC2123UK
48-Lead (7mm × 7mm) Plastic QFN
0°C to 70°C
LTC2123IUK#PBF
LTC2123IUK#TRPBF
LTC2123UK
48-Lead (7mm × 7mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
(Notes 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com