Electronic Components Datasheet Search
  English  ▼

X  

LTC2123 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2123
Description  Dual 14-Bit 250Msps ADC with JESD204B Serial Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2123 Datasheet(HTML) 4 Page - Linear Technology

  LTC2123 Datasheet HTML 1Page - Linear Technology LTC2123 Datasheet HTML 2Page - Linear Technology LTC2123 Datasheet HTML 3Page - Linear Technology LTC2123 Datasheet HTML 4Page - Linear Technology LTC2123 Datasheet HTML 5Page - Linear Technology LTC2123 Datasheet HTML 6Page - Linear Technology LTC2123 Datasheet HTML 7Page - Linear Technology LTC2123 Datasheet HTML 8Page - Linear Technology LTC2123 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
LTC2123
4
2123fb
For more information www.linear.com/LTC2123
POWER REQUIREMENTS The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Analog Supply Voltage
(Note 9)
l
1.7
1.8
1.9
V
OVDD
Output Supply Voltage
CML Current = 16mA, Directly Terminated (Note 8)
CML Current = 16mA, AC Terminated
l
l
1.2
1.4
1.9
1.9
V
V
IVDD
Analog Supply Current
l
480
520
mA
IOVDD
Output Supply Current Per Lane
CML Current = 12mA
l
11
12
13.8
mA
PDISS
Power Dissipation
VDD = 1.8V, Excluding OVDD Power
l
864
936
mW
PSLEEP
Sleep Mode Power
2
mW
PNAP
Nap Mode Power
468
mW
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CLOCK INPUTS (DEVCLK+, DEVCLK–)
VID
Differential Input Voltage
(Note 8)
l
0.2
V
VICM
Common Mode Input Voltage
Internally Set
Externally Set (Note 8)
l
1.1
1.2
1.5
V
V
RIN
Input Resistance
(See Figure 2)
10
kΩ
CIN
Input Capacitance
2
pF
DIFFERENTIAL DIGITAL INPUTS (SYNC~+, SYNC~–, SYSREF+, SYSREF–)
VID
Differential Input Voltage
(Note 8)
l
0.2
V
VICM
Common Mode Input Voltage
Internally Set
Externally Set (Note 8)
l
1.1
1.2
1.5
V
V
RIN
Input Resistance
6.7
kΩ
CIN
Input Capacitance
2
pF
DIGITAL INPUTS (CS, SDI, SCK)
VIH
High Level Input Voltage
VDD = 1.8V
l
1.3
V
VIL
Low Level Input Voltage
VDD = 1.8V
l
0.6
V
IIN
Input Current
VIN = 0V to 3.6V
l
–10
10
µA
CIN
Input Capacitance
(Note 8)
3
pF
SDO OUTPUT (Open-Drain Output. Requires 2k Pull-Up Resistor if SDO Is Used)
ROL
Logic Low Output Resistance to GND
VDD = 1.8V, SDO = 0V
200
Ω
IOH
Logic High Output Leakage Current
SDO = 0V to 3.6V
l
–10
10
µA
COUT
Output Capacitance
(Note 8)
4
pF
LVDS OUTPUTS (OF+, OF–)
VOD
Differential Output Voltage
100Ω Differential Load
l
247
350
454
mV
VOS
Common Mode Output Voltage
l
1.125
1.25
1.375
V
DIGITAL INPUTS AND OUTPUTS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com