Electronic Components Datasheet Search
  English  ▼

X  

LTC2123 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2123
Description  Dual 14-Bit 250Msps ADC with JESD204B Serial Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2123 Datasheet(HTML) 3 Page - Linear Technology

  LTC2123 Datasheet HTML 1Page - Linear Technology LTC2123 Datasheet HTML 2Page - Linear Technology LTC2123 Datasheet HTML 3Page - Linear Technology LTC2123 Datasheet HTML 4Page - Linear Technology LTC2123 Datasheet HTML 5Page - Linear Technology LTC2123 Datasheet HTML 6Page - Linear Technology LTC2123 Datasheet HTML 7Page - Linear Technology LTC2123 Datasheet HTML 8Page - Linear Technology LTC2123 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
LTC2123
3
2123fb
For more information www.linear.com/LTC2123
ANALOG INPUT The
l
denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 5)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ – AIN–)
1.7V < VDD < 1.9V
l
1.5
VP-P
VIN(CM)
Analog Input Common Mode (AIN+ + AIN–)/2 Differential Analog Input (Note 8) l VCM – 20mV
VCM
VCM + 20mV
V
VSENSE
External Voltage Reference Applied to SENSE External Reference Mode
l
1.2
1.250
1.3
V
IIN1
Analog Input Leakage Current
0 < AIN+, AIN– < VDD, No Clock
l
–1
1
µA
IIN2
SENSE Input Leakage Current
1.23V < SENSE < 1.27V
l
–1
1
µA
tAP
Sample-and-Hold Acquisition Delay Time
1
ns
tJITTER
Sample-and-Hold Acquisition Delay Jitter
0.15
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
75
dB
BW–3dB Full-Power Bandwidth
1250
MHz
DYNAMIC ACCURACY The
l
denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
15MHz Input
70MHz Input
140MHz Input
l
67.1
70
69.7
69
dBFS
dBFS
dBFS
SFDR
Spurious Free Dynamic Range 2nd or 3rd
Harmonic
15MHz Input
70MHz Input
140MHz Input
l
71
90
85
80
dBFS
dBFS
dBFS
Spurious Free Dynamic Range 4th Harmonic
or Higher
15MHz Input
70MHz Input
140MHz Input
l
81
98
95
85
dBFS
dBFS
dBFS
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
15MHz Input
70MHz Input
140MHz Input
l
66.3
69.9
69.4
68.8
dBFS
dBFS
dBFS
Crosstalk Crosstalk Between Channels
Up to 250MHz Input
–90
dB
INTERNAL REFERENCE CHARACTERISTICS The
l
denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
0.435 •
VDD – 18mV
0.435 •
VDD
0.435 •
VDD + 18mV
V
VCM Output Temperature Drift
±37
ppm/°C
VCM Output Resistance
–1mA < IOUT < 1mA
4
Ω
VREF Output Voltage
IOUT = 0
1.225
1.250
1.275
V
VREF Output Temperature Drift
±30
ppm/°C
VREF Output Resistance
–400µA < IOUT < 1mA
7
Ω
VREF Line Regulation
1.7V < VDD < 1.9V
0.6
mV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com