Electronic Components Datasheet Search
  English  ▼

X  

LTC2123 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2123
Description  Dual 14-Bit 250Msps ADC with JESD204B Serial Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2123 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2123 Datasheet HTML 2Page - Linear Technology LTC2123 Datasheet HTML 3Page - Linear Technology LTC2123 Datasheet HTML 4Page - Linear Technology LTC2123 Datasheet HTML 5Page - Linear Technology LTC2123 Datasheet HTML 6Page - Linear Technology LTC2123 Datasheet HTML 7Page - Linear Technology LTC2123 Datasheet HTML 8Page - Linear Technology LTC2123 Datasheet HTML 9Page - Linear Technology LTC2123 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
LTC2123
6
2123fb
For more information www.linear.com/LTC2123
TIMING CHARACTERISTICS The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSU_SYN
SYNC~ to DEVCLK Set-Up Time
(Note 8)
l
0.6
ns
tH_SYN
DEVCLK to SYNC~ Hold Time
(Note 8)
l
0.6
ns
tSU_SYS
SYSREF to DEVCLK Set-Up Time
(Note 8)
l
0.2
(tDCK – 0.32)
ns
tH_SYS
DEVCLK to SYSREF Hold Time
(Note 8)
l
0.32
ns
LATP2
Pipeline Latency, 2-Lane Mode
(Note 10)
l
13.5
13.5
tS
LATP4
Pipeline Latency, 4-Lane Mode
(Note 10)
l
19.5
19.5
tS
tDS
Delay from DEVCLK to Serial Data Out
(Note 8)
l
0.6
tS
LATSC2
Latency from SYNC~ Assertion to
COMMA Out, 2-Lane Mode
(Note 10)
l
10
10
tS
LATSC4
Latency from SYNC~ Assertion to
COMMA Out, 4-Lane Mode
(Note 10)
l
20
20
tS
LATSL2
Latency from SYNC~ De-assertion to
LAS Out, 2-Lane Mode
(Notes 10, 11)
l
6
6
tS
LATSL4
Latency from SYNC~ De-assertion to
LAS Out, 4-Lane Mode
(Notes 10, 11)
l
12
12
tS
LATOF
Overflow Latency
(Note 10)
l
6
6
tS
tD_OF1X
Analog Delay of OF with 1X_CLK
(Note 8)
l
1.4
1.7
2.0
ns
tD_OF2X
Analog Delay of OF with 2X_CLK
(Note 8)
l
1.6
1.9
2.2
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: When these pin voltages are taken below GND they will be
clamped by internal diodes. When these pin voltages are taken above VDD
they will not be clamped by internal diodes. This product can handle input
currents of greater than 100mA below GND without latch-up.
Note 5: VDD = 1.8V, fSAMPLE = 250MHz, differential DEVCLK+/DEVCLK– =
2VP-P sine wave, input range = 1.5VP-P with differential drive, unless
otherwise noted.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
best fit straight line to the transfer curve. The deviation is measured from
the center of the quantization band.
Note 7: Offset error is the offset voltage measured from –0.5LSB when the
output code flickers between 01 1111 1111 1111 and 10 0000 0000 0000.
Note 8: Guaranteed by design, not subject to test.
Note 9: Recommended operating conditions.
Note 10: When the “2X_CLK” SPI register bit is set, the DEVCLK frequency
is 2X the sampling frequency. When the “2X_CLK” bit is not set, the
DEVCLK frequency is equal to the sampling frequency. Latency is
measured in units of sampling periods (tS), where tS is the inverse of the
sampling frequency.
Note 11: When in subclass 0, the Lane Alignment Sequence (LAS) latency
measurement begins at the start of the frame following the detection
of SYNC~ de-assertion. When in subclasses 1 or 2 this LAS latency
measurement begins at the start of the first multiframe following the
detection of SYNC~ de-assertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com