Electronic Components Datasheet Search
  English  ▼

X  

LTC2123 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2123
Description  Dual 14-Bit 250Msps ADC with JESD204B Serial Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2123 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2123 Datasheet HTML 14Page - Linear Technology LTC2123 Datasheet HTML 15Page - Linear Technology LTC2123 Datasheet HTML 16Page - Linear Technology LTC2123 Datasheet HTML 17Page - Linear Technology LTC2123 Datasheet HTML 18Page - Linear Technology LTC2123 Datasheet HTML 19Page - Linear Technology LTC2123 Datasheet HTML 20Page - Linear Technology LTC2123 Datasheet HTML 21Page - Linear Technology LTC2123 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
LTC2123
18
2123fb
For more information www.linear.com/LTC2123
Frame Alignment Monitoring (FAM)
After initial frame synchronization has been established,
frame alignment monitoring enables the receiver to verify
that code-group alignment is maintained without the loss
of data. This is done by substituting a K28.7 comma for the
last code-group of the frame when certain conditions are
met. The receiver uses this comma as a position marker
within the frame for alignment verification. After decoding
the data, the receiver replaces the K28.7 comma with the
original data.
Initial Frame Synchronization
The process of communicating frame boundary informa-
tion to the receiver for alignment purposes. The receiver
asserts the SYNC~ signal, causing the ADC to transmit
K28.5 commas to the receiver. The receiver de-asserts the
SYNC~ signal, and the ADC ceases transmission of com-
mas according to the rules of the particular sub-class and
mode of operation. The point of termination of commas
in the data stream marks the frame boundary.
Lane Alignment Monitoring (LAM)
In JESD204B, lane alignment is attained and monitored
through the use of the 8B/10B K28.3 special characters.
These characters are conditionally embedded in the data
stream at the end of the multiframe. The receiver uses this
character as a position marker within the multiframe for
lane alignment verification. After decoding the data, the
receiverreplacestheK28.3characterwiththeoriginaldata.
Local Multiframe Clock (LMFC)
AninternalclockwithineachdeviceofaJESD204Bsystem
that marks the multiframe boundary.
Multiframe
A group of frames intended to be of long duration com-
pared to lane mismatches in multiple lane systems. In
JESD204B the maximum multiframe length is 32 frames.
There is no external multiframe clock in a JESD204B sys-
tem, so the signal marking the multiframe boundaries is
referred to as the local multiframe clock (LMFC).
DEFINITIONS
Octet
The 8-bit input to an 8B/10B encoder, or the 8-bit output
from an 8B/10B decoder.
Run-Length Limited (RLL)
Data that has been encoded for the purpose of limiting
the number of consecutive 1’s or 0’s in a data stream.
This process guarantees that there will be an adequate
number of transitions in the serial data for the receiver to
lock onto with a phase-locked loop and recover the high
speed clock.
Running Disparity
InordertomaintainDCbalancemost8B/10Bcode-groups
have two output possibilities for each input octet. The run-
ning disparity is calculated to determine which of the two
code-groupsshouldbetransmittedtomaintainDCbalance.
The disparity of a code-group is analyzed in two segments
called sub-blocks. Sub-block1 consists of the first six bits
of a code-group and sub-block2 consists of the last four
bits of a code-group. When a sub-block is more heavily
weightedwith1’stherunningdisparityispositive,andwhen
it is more heavily weighted with 0’s the running disparity
is negative. When the number of 1’s and 0’s are equal in
a sub-block, the running disparity remains unchanged.
The polarity of the current running disparity determines
which code-group should be transmitted to maintain DC
balance.Foracompletedescriptionofdisparityrules,refer
to IEEE Std 802.3-2002 part 3, Clause 36.2.4.4.
Pseudo Random Bit Sequence (PRBS)
A data sequence having a random nature over a finite inter-
val. The most commonly used PRBS test patterns may be
describedbyapolynomialintheformof1+xm+xnandhave
a random nature for the length of up to 2n-1 bits, where n
indicates the order of the PRBS polynomial and m plays
a role in maximizing the length of the random sequence.
Scrambler
A logic block that applies a pseudo random bit sequence
to the input octets to minimize the tonal content of the
high speed serial bit stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com