Electronic Components Datasheet Search
  English  ▼

X  

RF5288 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF5288
Description  3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5288 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF5288 Datasheet HTML 6Page - RF Micro Devices RF5288 Datasheet HTML 7Page - RF Micro Devices RF5288 Datasheet HTML 8Page - RF Micro Devices RF5288 Datasheet HTML 9Page - RF Micro Devices RF5288 Datasheet HTML 10Page - RF Micro Devices RF5288 Datasheet HTML 11Page - RF Micro Devices RF5288 Datasheet HTML 12Page - RF Micro Devices RF5288 Datasheet HTML 13Page - RF Micro Devices RF5288 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10 of 15
RF5288
DS110617
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin Out
(Top View)
SWTX
GND
GND
ANT
GND
GND
1
3
4
5
7*
8*
11
16
12
13
17
18
14
9
10
2
6
15
19
20
21
23
24
25
27
28
31
32
29
30
22
26
SWRX
RX2
PAEN2
LNAEN2
LNAEN5
PAEN5
GND
RX5
Note: Pins 7 and 8 have to be
connected together to the
PCB but should not be
connected to anything else on
the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com