Electronic Components Datasheet Search
  English  ▼

X  

RF5288 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5288
Description  3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5288 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5288 Datasheet HTML 1Page - RF Micro Devices RF5288 Datasheet HTML 2Page - RF Micro Devices RF5288 Datasheet HTML 3Page - RF Micro Devices RF5288 Datasheet HTML 4Page - RF Micro Devices RF5288 Datasheet HTML 5Page - RF Micro Devices RF5288 Datasheet HTML 6Page - RF Micro Devices RF5288 Datasheet HTML 7Page - RF Micro Devices RF5288 Datasheet HTML 8Page - RF Micro Devices RF5288 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2 of 15
RF5288
DS110617
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.3 to +5.4
V
DC
Power Control Voltage (VREG)
-0.5 to +3.5
V
DC Supply Current
400
mA
Input RF Power
0
dBm
Operating Ambient Temperature
0 to +70
°C
Reduced Performance Temps
-30 to 0
°C
+70 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
JEDEC Level TBD
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Transmit
2.4
2.5
GHz
Nominal Conditions: T=+25°C,
VCC(b/g)=3.3V, PAEN_g=2.85V, Freq=2.4GHz
to 2.5GHz, unless otherwise noted.
Compliance
IEEE802.11b, IEEE802.11g
FCC CFR 15.247, 0.205, 0.209
Output Power 11g
16.5
18
dBm
With a standard IEEE802.11g waveform,
OFDM, 54Mbps, 64 QAM, over temperature
range -30°C to +85°C, and VCC=3.0V to 3.6V
EVM
RMS, mean with a standard IEEE802.11g
waveform, OFDM, 54Mbps, 64 QAM at 11g
rated output power over temperature range
-30°C to +85°C and VCC=3.0V to 3.6V
POUT=18dBm
3
4.5
%
POUT=14dBm
2
2.5
%
Output Power 11b
20
21
dBm
With a standard IEEE802.11b waveform, over
temperature range -30°C to +85°C, and over
VCC=3.0V to 3.6V
Adjacent Channel Power
At 11b rated output power with 1Mbps and
11Mbps 11b waveform over temperature
range -30°C to +85°C, and over VCC=3.0V to
3.6V
ACP1
-38
-30
dBc
ACP2
-56
-50
dBc
Gain
25
27
dB
Gain Variance
-2.5
+2.5
dB
Over Temperature range -10°C to +70°C and
over Frequency
Power Detect
Voltage Range
0.8
0.95
1.2
V
At 20dBm
0.2
0.25
0.35
V
At 10dBm POUT
Output Resistance
10
k
Output Capacitance
10
pF
Power Detector Accuracy
-1.5
+1.5
dB
Into 3:1 VSWR
Sensitivity
>14dBm
75
mV/dB
0<POUT<14dBm
25
mV/dB
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com