Electronic Components Datasheet Search
  English  ▼

X  

RF5288 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5288
Description  3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5288 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5288 Datasheet HTML 1Page - RF Micro Devices RF5288 Datasheet HTML 2Page - RF Micro Devices RF5288 Datasheet HTML 3Page - RF Micro Devices RF5288 Datasheet HTML 4Page - RF Micro Devices RF5288 Datasheet HTML 5Page - RF Micro Devices RF5288 Datasheet HTML 6Page - RF Micro Devices RF5288 Datasheet HTML 7Page - RF Micro Devices RF5288 Datasheet HTML 8Page - RF Micro Devices RF5288 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1 of 15
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
SWTX
SWRX
GND
ANT
1
2
3
9
32
10
11
30
4
5
25
Diplexer
GND 6
7
8
12
13
14
15
16
LNA5
PA5
31
29
28
27
26
GND
24
RX5
23
PAEN5
22
LNA2
PA2
LNAEN5
21
LNAEN2
20
PAEN2
19
RX2
18
GND
17
GND
RF5288
3.0V TO 3.6V, DUAL-BAND FRONT-END
MODULE
The RF5288 is a single-chip dual-band integrated front-end module (FEM) for high-performance
WiFi applications in the 2.5GHz and 5GHz ISM bands. The RF5288 addresses the need for
aggressive size reduction for a typical 802.11a/b/g RF front-end design and greatly reduces the
number of components outside of the core chipset therefore minimizing the footprint and
assembly cost of the overall 802.11a/b/g solution. The FEM contains integrated power amplifi-
ers for 2.5GHz and 5GHz, TX/RX switch for each band, low noise amplifier for the 5.0GHz
receive band, matching components, bypass capacitors, built-in power detector for both bands,
and band pass filters for both transmit paths and some filtering for both receive paths. The
device is manufactured on lead frame with InGap HBT and pHEMT processes. The RF5288
module is a 5mmx5mmx0.9mm package with 32-pins and a backside ground. The RF5288
greatly minimizes next level board space and allows for simplified integration.
Features
Single-Module Radio Front-End
Single Supply Voltage 3.0V to
3.6V
Integrated 2.5GHz & 5GHZ PA’s,
Diplexer LNA for both High and
Low Band, Filters & Switches for
TX & RX
POUT=18dBm, 11g, OFDM, <3%
EVM and POUT=16dBm, 11a,
OFDM, <4% EVM
Applications
IEEE802.11a/b/g/n WiFi Appli-
cations
Single-Chip RF Front-End Module
2.5GHz and 5GHz ISM Bands
Applications
WiFi Systems
Portable Battery-Powered Equip-
ment
RF5288SQ
Standard 25 piece bag
RF5288SR
Standard 100 piece reel
RF5288TR13
Standard 2500 piece reel
RF5288PCK-410
Fully Assembled Evaluation Board with 5 loose sample pieces
DS110617
Package Style: 32-Pin, 5mmx5mmx0.9mm


Similar Part No. - RF5288

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5216 RFMD-RF5216 Datasheet
499Kb / 22P
Quad-Band GSM, Linear EDGE Transmit Module with Fourteen High Linearity TRX Switch Ports
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5222PCBA-41X RFMD-RF5222PCBA-41X Datasheet
216Kb / 8P
3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5263 RFMD-RF5263 Datasheet
96Kb / 2P
3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
RF5263WBPCK-410 RFMD-RF5263WBPCK-410 Datasheet
96Kb / 2P
3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5288

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5388 RFMD-RF5388 Datasheet
510Kb / 14P
3.3V, DUAL-BAND FRONT-END MODULE
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
3.0V to 4.2V, 2.4GHz Front End Module
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6555 RFMD-RF6555 Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RFFM6201 RFMD-RFFM6201 Datasheet
786Kb / 9P
2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
logo
Skyworks Solutions Inc.
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
Dual-Band 802.11ac Front-End Module
logo
Qorvo, Inc
RFFM4591 QORVO-RFFM4591 Datasheet
574Kb / 8P
3.0V TO TO 3.6V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com