Electronic Components Datasheet Search
  English  ▼

X  

RF5288 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5288
Description  3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5288 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF5288 Datasheet HTML 2Page - RF Micro Devices RF5288 Datasheet HTML 3Page - RF Micro Devices RF5288 Datasheet HTML 4Page - RF Micro Devices RF5288 Datasheet HTML 5Page - RF Micro Devices RF5288 Datasheet HTML 6Page - RF Micro Devices RF5288 Datasheet HTML 7Page - RF Micro Devices RF5288 Datasheet HTML 8Page - RF Micro Devices RF5288 Datasheet HTML 9Page - RF Micro Devices RF5288 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6 of 15
RF5288
DS110617
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
5.0GHz Receive
Compliance
IEEE802.11a
IEEE802.11j
FCC CFR 15.247, 0.205, 0.209
Frequency
4.9
5.9
GHz
Switch Leakage
2
6
A
SW2=High
Output Impedance 50
2.0:1
Ratio
Passband Ripple
±1
dB
High Gain Mode
SWRX=1, LNA5EN=1, SWTX=0
RX Gain
9
11
13
dB
PIN to PIN
RX Gain Variation
-1.5
+1.5
dB
Over frequency range, full temperature range,
and voltage
Noise Figure
2.7
3.0
dB
25°C
Input P1dB
-5
-2
dBm
IIP3
12
2-tone, PIN=-20dBm, f=1MHz
Current Consumption
15
20
mA
Low Gain Mode 1
SWRX=0, LNA5EN=1, SWTX=0
RX Gain
135
dB
Noise Figure
11
dB
Input P1dB
7
dBm
IIP3
18.5
dBm
2-tone, PIN=-15dBm, f=1MHz
Current Consumption
17
20
mA
Low Gain Mode 2
SWRX=1, LNA5EN=0, SWTX=0
RX Gain
-33
-31
-29
dB
Noise Figure
31
dB
Input P1dB
16
dBm
IIP3
21
dBm
2-tone, PIN=-5dBm, f=1MHz
Current Consumption
0
mA
Other Requirements
Antenna Port Impedance
Input
50
Receive
Output
50
Transmit
ESD Protection on Antenna Port
6
kV
No change in performance
ESD Protection on All Other Pins
Human Body Model
500
V
No change in performance
Machine Model
500
V
No change in performance
Isolation
Low Band RX - Off Antenna
17
20
dB
Low band transmit mode
High Band RX - Off Antenna
20
25
dB
High band transmit mode, LNA off
Total Module Leakage, VCC, SW1,
and SW2
515
uA
VCC=SW1=SW2=3.6V PAEN2 and 5=LNAEN2
and 5=0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com