Electronic Components Datasheet Search
  English  ▼

X  

RF5288 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5288
Description  3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5288 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5288 Datasheet HTML 1Page - RF Micro Devices RF5288 Datasheet HTML 2Page - RF Micro Devices RF5288 Datasheet HTML 3Page - RF Micro Devices RF5288 Datasheet HTML 4Page - RF Micro Devices RF5288 Datasheet HTML 5Page - RF Micro Devices RF5288 Datasheet HTML 6Page - RF Micro Devices RF5288 Datasheet HTML 7Page - RF Micro Devices RF5288 Datasheet HTML 8Page - RF Micro Devices RF5288 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5 of 15
RF5288
DS110617
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Receive
Compliance
IEEE802.11a
IEEE802.11j
FCC CFR 15.247, 0.205, 0.209
Frequency
2.4
2.5
GHz
Switch Leakage
2
6
ASW=High
Output Impedance 50
-10
-9
dB
Low Band LNA Enable Current
60
100
uA
Enable Voltage
2.8
3
3.2
V
TLL, 200mV less than VCC
High Gain Mode
SWRX=1, LNA2EN=1, SWTX=0
RX Gain
10
12
14
dB
RX Gain Variation
-1.5
+1.5
dB
Over frequency range, full temperature range,
and voltage
Noise Figure
3
3.2
dB
Across frequency
Input P1dB**
-4
-1
dBm
Input IIP3
12
2-tone, PIN=-20dBm, f=1MHz
Current Consumption
12
20
mA
Low Gain Mode 1
SWRX=1, LNA2EN=1, SWTX=1
RX Gain
-2
0
+2
Noise Figure
16
dB
Across frequency
Input P1dB
8
dBm
IIP3
21
dBm
2-tone, PIN=-13dBm, f=1MHz
Current Consumption
16
20
mA
Low Gain Mode 2
SWRX=0, LNA2EN=1, SWTX=1
RX Gain
-19
-17
-15
dB
Noise Figure
33
Input P1dB
25
dBm
IIP3
38
dBm
2-tone, PIN=-15dBm, f=1MHz
Current Consumption
16
20
mA
Low Gain Mode 3
SWRX=1, LNA2EN=0, SWTX=1
RX Gain
-43
-41
-39
dB
Noise Figure
41
dB
IIP3
TBD
Current Consumption
0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com