Electronic Components Datasheet Search
  English  ▼

X  

RF5288 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5288
Description  3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5288 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5288 Datasheet HTML 3Page - RF Micro Devices RF5288 Datasheet HTML 4Page - RF Micro Devices RF5288 Datasheet HTML 5Page - RF Micro Devices RF5288 Datasheet HTML 6Page - RF Micro Devices RF5288 Datasheet HTML 7Page - RF Micro Devices RF5288 Datasheet HTML 8Page - RF Micro Devices RF5288 Datasheet HTML 9Page - RF Micro Devices RF5288 Datasheet HTML 10Page - RF Micro Devices RF5288 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7 of 15
RF5288
DS110617
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
1SWTX
Switch control port. See truth table for details.
2GND
Ground connection.
3ANT
RF TX output for the 802.11b/g/a paths. It is matched to 50
 and the DC block is provided internally.
4GND
Ground connection.
5SWRX
Switch control port. See truth table for details.
6GND
Ground connection.
7N/C
Pin 7 and Pin 8 have to be connected together on the PCB, but should not be connected to anything else on the
board, see schematic for details.
8N/C
Pin 7 and Pin 8 have to be connected together on the PCB, but should not be connected to anything else on the
board.
9PDET2
Power detector voltage for the 802.11b/g PA. PDET voltage varies with output power. May need external decou-
pling capacitor for module stability. May need resistive voltage divider to bring output voltage to desired level.
10
N/C
No connection.
11
VCC
Main supply voltage for the third stage of the b/g power amplifier. This pin requires an external bypass capacitor.
12
VCC
Both pins 12 and 13 are the main supply voltage for the first and second stages of the b/g power amplifier. It is
recommended that both pins 12 and 13 be connected on the PCB right at the footprints of these pins. Both pins
require one bypass capacitor. See schematic for more details.
13
VCC
See pin 12 for details.
14
GND
Ground connection.
15
GND
Ground connection.
16
TX2_IN
RF input for the 802.11b/g PA. Input is matched to 50
 and DC block is provided internally.
17
GND
Ground connection.
18
RX2
Receive port for 802.11b/g band.
19
PAEN2
Bias voltage for the 802.11b/g PA. Internally decoupled port with approximately 100pF.
20
LNAEN2
Bias voltage for the 802.11b/g LNA.
21
LNAEN5
Bias voltage for the 802.11a LNA.
22
PAEN5
Bias voltage for the 802.11a PA. Internally decoupled port with approximately 100pF.
23
RX5
Receive port for 802.11a band.
24
GND
Ground connection.
25
TX5_IN
TX RF input for the 802.11a PA. Input is matched to 50
 and DC block is provided internally.
26
GND
Ground connection.
27
VCC
Main voltage supply for the first and second stages for the 11a power amplifier. This pin requires a bypass
capacitor externally.
28
VCC
This pin requires a 1
F to ground. This pin is internally connected to VCC and should not be connected to VCC
externally.
29
VCC
Main voltage supply to the third stage of the 11a power amplifier. This pin requires a bypass capacitor externally.
30
N/C
No Connect.
31
PDET5
Power detector voltage for the 802.11a PA. PDET voltage varies with output power. May need external decoupling
capacitor for module stability. May need resistive voltage divider to bring output voltage to desired level.
32
VCC
Main voltage supply.
Pkg
GND
GND
Ground connection. The back side of the package should be connected to ground plane through as short a con-
nection as possible, e.g., PCB vias under the device are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com