Electronic Components Datasheet Search
  English  ▼

X  

RF5288 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5288
Description  3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5288 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5288 Datasheet HTML 1Page - RF Micro Devices RF5288 Datasheet HTML 2Page - RF Micro Devices RF5288 Datasheet HTML 3Page - RF Micro Devices RF5288 Datasheet HTML 4Page - RF Micro Devices RF5288 Datasheet HTML 5Page - RF Micro Devices RF5288 Datasheet HTML 6Page - RF Micro Devices RF5288 Datasheet HTML 7Page - RF Micro Devices RF5288 Datasheet HTML 8Page - RF Micro Devices RF5288 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4 of 15
RF5288
DS110617
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
5.0GHz Transmit, cont.
Gain
26
28
dB
Gain Variance
-2
+2
dB
Power Detect
Voltage Range
0.8
0.9
1.0
V
At 18dBm POUT
0.4
0.5
0.6
V
At 10dBm POUT
Output Resistance
TBD
k
Output Capacitance
TBD
pF
Power Detector Accuracy
-1
+1
dB
At 3.0:1 VSWR at all Phases, power and all
conditions
Sensitivity
>10dBm
20
mV/dB
1V to 0.5V
0<POUT<10dBm
10
mV/dB
0V to 0.5V
Current Operating
180
mA
RF POUT=18dBm, 54Mbps, 11a
100
mA
RF POUT=13dBm, 54Mbps, 11a
Quiescent
10
mA
VCC=ON, PAEN=ON, RF=OFF
PAEN
TBD
APAEN<0.2V
Shutdown
85
A
VCC, Supply Voltage
3.0
3.3
3.6
V
PAEN Voltage
ON
2.8
3.0
3.2
V
TTL, 200mV less than VCC
OFF
0
0.2
V
Input Impedance
50
2:1
Max Input Power Operational
-5
dBm
Rated Input Power Withstand
0
dBm
No damage.
Ruggedness Output VSWR
10:1
ratio
No damage, conditions: max operating voltage,
max input power
Stability Output VSWR
4:1
ratio
Harmonics
Second Band 2
-36
dBm
POUT=13dBm in 1MHz RBW @ 6Mbps
Second Band 3
-48
dBm
POUT=16dBm in 1MHz RBW @ 6Mbps
Second Band 4
-48
dBm
POUT=18dBm in 1MHz RBW @ 6Mbps
Third All Bands
-48
dBm
Rated power in 1MHz RBW @ 6Mbps
Turn-On/Off Time
1.0
S
Output stable to within 90% of final gain, Note
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com