Electronic Components Datasheet Search
  English  ▼

X  

RF5288 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5288
Description  3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5288 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5288 Datasheet HTML 1Page - RF Micro Devices RF5288 Datasheet HTML 2Page - RF Micro Devices RF5288 Datasheet HTML 3Page - RF Micro Devices RF5288 Datasheet HTML 4Page - RF Micro Devices RF5288 Datasheet HTML 5Page - RF Micro Devices RF5288 Datasheet HTML 6Page - RF Micro Devices RF5288 Datasheet HTML 7Page - RF Micro Devices RF5288 Datasheet HTML 8Page - RF Micro Devices RF5288 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3 of 15
RF5288
DS110617
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Transmit, cont.
Current Operating
125
160
mA
RF POUT=14dBm, 54Mbps, IEEE802.11g
160
230
mA
RF POUT=18dBm, 11Mbps, IEEE802.11b
200
275
mA
RF POUT=20dBm, 11g or 11b
Quiescent
90
125
mA
VCC=ON, PAEN=ON, RF=OFF
PAEN
75
100
uA
Over full temp range and VREG
Shutdown
5
10
uA
Voltage range
PAEN<0.2V
Second Harmonic
POUT=20dBm, 1Mbps, 11b mode
Second
-49
-45
dBm
4.90GHz to 5.00GHz
Third
-46
-43
dBm
7.20GHz to 7.50GHz
Power Supply
3.0
3.3
3.6
V
PAEN Voltage
ON
2.0
3.0
3.2
V
TTL, 200mV less than VCC
OFF
0
0.2
V
Input Return Loss
-12
-9
dB
Ruggedness Output VSWR
10:1
ratio
No damage, conditions: max operating voltage,
max input power
Stability Output VSWR
4:1
ratio
Turn-On/Off Time
0.5
1.0
S
Output stable to within 90% of final gain, Note
1
5.0GHz Transmit
Compliance
IEEE802.11a
IEEE802.11j
FCC CFR 15.247, 0.205, 0.209
Frequency
Nominal Conditions: T=+25°C, VCC=3.3V,
PAEN=3.0V, Freq range from 4.9GHz to
5.85GHz unless otherwise noted.
Band 1
4.9
5.1
GHz
Band 2
5.10
5.35
GHz
Band 3
5.35
5.65
GHz
Band 4
5.65
5.825
GHz
Band 1 POUT
11.5
13
dBm
RMS, mean with a standard IEEE802.11g
waveform, OFDM, 54Mbps, 64 QAM
VCC=3.3VDC, 0°C to +70°C over beta
EVM
2
3
%
Band 2 POUT
11.5
13
dBm
EVM
2
2.5
%
Band 3 POUT
11.5
13
dBm
EVM
2
2.5
%
Band 3 POUT
14.5
16
dBm
EVM
3
4
%
Band 4 POUT
11.5
13
dBm
EVM
2
2.5
%
Band 4 POUT
14.5
16
dBm
EVM
3
4
%
Band 4 POUT
16.5
18
dBm
EVM
4
7
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com