Electronic Components Datasheet Search
  English  ▼

X  

LT8705MPFE#PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT8705MPFE#PBF
Description  80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705MPFE#PBF Datasheet(HTML) 1 Page - Linear Technology

  LT8705MPFE#PBF Datasheet HTML 1Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 2Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 3Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 4Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 5Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 6Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 7Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 8Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
LT8705
1
8705fe
For more information www.linear.com/LT8705
Typical applicaTion
FeaTures
DescripTion
80V VIN and VOUT
Synchronous 4-Switch Buck-
Boost DC/DC Controller
The LT®8705 is a high performance buck-boost switch-
ing regulator controller that operates from input voltages
above, below or equal to the output voltage. The part has
integrated input current, input voltage, output current
and output voltage feedback loops. With a wide 2.8V to
80V input and 1.3V to 80V output range, the LT8705 is
compatible with most solar, automotive, telecom and
battery-powered systems.
TheLT8705includesservopinstoindicatewhichfeedback
loopsareactive.TheMODEpinselectsamongBurstMode®
operation, discontinuous or continuous conduction mode
at light loads. Additional features include a 3.3V/12mA
LDO,asynchronizablefixedoperatingfrequency,onboard
gate drivers, adjustable UVLO, along with input and output
current monitoring with programmable maximum levels.
applicaTions
L
, LT, LTC, LTM, Linear Technology, Burst Mode, µModule and the Linear logo are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
n
Single Inductor Allows VIN Above, Below, or Equal
to Regulated VOUT
n
VIN Range 2.8V (Need EXTVCC > 6.4V) to 80V
n
VOUT Range: 1.3V to 80V
n
Quad N-Channel MOSFET Gate Drivers
n
Synchronous Rectification: Up to 98% Efficiency
n
Input and Output Current Monitor Pins
n
Synchronizable Fixed Frequency: 100kHz to 400kHz
n
Integrated Input Current, Input Voltage, Output Cur-
rent and Output Voltage Feedback Loops
n
Clock Output Usable To Monitor Die Temperature
n
Available in 38-Lead (5mm × 7mm) QFN and TSSOP
Packages with the TSSOP Modified for Improved
High Voltage Operation
n
High Voltage Buck-Boost Converters
n
Input or Output Current Limited Converters
Telecom Voltage Stabilizer
8705 TA01
CSPOUT
CSNOUT
EXTVCC
FBOUT
INTVCC
GATEVCC
SRVO_FBIN
SRVO_FBOUT
SRVO_IIN
SRVO_IOUT
IMON_IN
IMON_OUT
SYNC
CLKOUT
VC
56.2k
202kHz
CSNIN
TG1 BOOST1
0.22µF
0.22µF
TO
DIODE
TO
DIODE
M2
M1
×2
22µH
4.7µF
×4
M4
M3
×2
1nF
1nF
SW1 BG1 CSP
CSN
LT8705
GND BG2 SW2 BOOST2
VOUT
48V
5A
VIN
36V TO
80V
TG2
CSPIN
VIN
SHDN
SWEN
LDO33
MODE
FBIN
RT
SS
3.3nF
220pF
215k
71.5k
20k
1µF
1µF
4.7µF
10k
392k
220µF
×2
4.7µF
×6
4
4.7µF
TO
BOOST1
4.7µF
2
×2
2
×2
10m
+
220µF
×2
+
TO
BOOST2
100k
10
10
VIN (V)
30
90
95
70
8705 TA01b
85
80
0
40
50
60
80
VOUT = 48V
ILOAD = 2A
100
6
5
4
3
2
1
Efficiency and Power Loss


Similar Part No. - LT8705MPFE#PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8705 LINER-LT8705 Datasheet
556Kb / 30P
High Efficiency, Synchronous,4-Switch Buck-Boost Controller
LT8705 LINER-LT8705 Datasheet
290Kb / 24P
Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
LT8705 LINER-LT8705 Datasheet
1Mb / 32P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT8705 LINER-LT8705 Datasheet
1Mb / 30P
60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT8705 LINER-LT8705 Datasheet
523Kb / 38P
60V PolyPhase Synchronous Boost Controller
More results

Similar Description - LT8705MPFE#PBF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
logo
Linear Technology
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LTC3777 LINER-LTC3777 Datasheet
2Mb / 38P
150V VIN and VOUT Synchronous 4-Switch Buck-Boost Controller Switching Bias Supply
logo
Texas Instruments
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
logo
Analog Devices
LT8210 AD-LT8210 Datasheet
7Mb / 44P
100V Synchronous 4-Switch Buck-Boost DC/DC Controller
logo
Renesas Technology Corp
ISL81801 RENESAS-ISL81801 Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Jun 2, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com