Electronic Components Datasheet Search
  English  ▼

X  

LT8705MPFE#PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT8705MPFE#PBF
Description  80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705MPFE#PBF Datasheet(HTML) 4 Page - Linear Technology

  LT8705MPFE#PBF Datasheet HTML 1Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 2Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 3Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 4Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 5Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 6Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 7Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 8Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
LT8705
4
8705fe
For more information www.linear.com/LT8705
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gain from VC to Maximum Current Sense Voltage
(VCSP-VCSN) (A5 in the Block Diagram)
Boost Mode
Buck Mode
150
–150
mV/V
mV/V
SHDN Input Voltage High
SHDN Rising to Enable the Device
l
1.184 1.234 1.284
V
SHDN Input Voltage High Hysteresis
50
mV
SHDN Input Voltage Low
Device Disabled, Low Quiescent Current
(LT8705E, LT8705I)
(LT8705H, LT8705MP)
l
l
0.35
0.3
V
V
SHDN Pin Bias Current
VSHDN = 3V
VSHDN = 12V
0
11
1
22
µA
µA
SWEN Rising Threshold Voltage (Note 5)
l
1.156 1.206 1.256
V
SWEN Threshold Voltage Hysteresis (Note 5)
22
mV
MODE Pin Forced Continuous Mode Threshold
l
0.4
V
MODE Pin Burst Mode Range
l
1.0
1.7
V
MODE Pin Discontinuous Mode Threshold
l
2.3
V
Soft-Start Charging Current
VSS = 0.5V
13
19
25
µA
Soft-Start Discharge Current
VSS = 0.5V
9.5
µA
Voltage Regulator Loops (Refer to Block Diagram to Locate Amplifiers)
Regulation Voltage for FBOUT
VC = 1.2V (LT8705E, LT8705I)
VC = 1.2V (LT8705H, LT8705MP)
l
l
1.193
1.191
1.207
1.207
1.222
1.222
V
V
Regulation Voltage for FBIN
VC = 1.2V (LT8705E, LT8705I)
VC = 1.2V (LT8705H, LT8705MP)
l
l
1.184
1.182
1.205
1.205
1.226
1.226
V
V
Line Regulation for FBOUT and FBIN Error Amp Reference
Voltage
VIN = 12V to 80V; Not Switching
0.002 0.005
%/V
FBOUT Pin Bias Current
Current Out of Pin
15
nA
FBOUT Error Amp EA4 gm
315
µmho
FBOUT Error Amp EA4 Voltage Gain
220
V/V
FBIN Pin Bias Current
Current Out of Pin
10
nA
FBIN Error Amp EA3 gm
130
µmho
FBIN Error Amp EA3 Voltage Gain
90
V/V
SRVO_FBIN Activation Threshold (Note 5)
(VFBIN Falling) – (Regulation Voltage for FBIN),
VFBOUT = VIMON_IN = VIMON_OUT = 0V
56
72
89
mV
SRVO_FBIN Activation Threshold Hysteresis (Note 5)
VFBOUT = VIMON_IN = VIMON_OUT = 0V
33
mV
SRVO_FBOUT Activation Threshold (Note 5)
(VFBOUT Rising) – (Regulation Voltage for FBOUT),
VFBIN = 3V, VIMON_IN = VIMON_OUT = 0V
–37
–29
–21
mV
SRVO_FBOUT Activation Threshold Hysteresis (Note 5)
VFBIN = 3V, VIMON_IN = 0V, VIMON_OUT = 0V
15
mV
SRVO_FBIN, SRVO_FBOUT Low Voltage (Note 5)
I = 100μA
l
110
330
mV
SRVO_FBIN, SRVO_FBOUT Leakage Current (Note 5)
VSRVO_FBIN = VSRVO_FBOUT = 2.5V
l
0
1
µA
Current Regulation Loops (Refer to Block Diagram to Locate Amplifiers)
Regulation Voltages for IMON_IN and IMON_OUT
VC = 1.2V
l
1.187 1.208 1.229
V
Line Regulation for IMON_IN and IMON_OUT Error Amp
Reference Voltage
VIN = 12V to 80V; Not Switching
0.002 0.005
%/V
CSPIN, CSNIN Bias Current
BOOST Capacitor Charge Control Block Not Active
ICSPIN + ICSNIN, VCSPIN = VCSNIN = 12V
31
µA
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, SHDN = 3V unless otherwise noted. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com