Electronic Components Datasheet Search
  English  ▼

X  

LT8705MPFE#PBF Datasheet(PDF) 13 Page - Linear Technology

Part # LT8705MPFE#PBF
Description  80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705MPFE#PBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8705MPFE#PBF Datasheet HTML 9Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 10Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 11Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 12Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 13Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 14Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 15Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 16Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
LT8705
13
8705fe
For more information www.linear.com/LT8705
block DiagraM
Figure 1. Block Diagram
VIN
CSNIN
RSENSE1
RSENSE
RSENSE2
VOUT
VIN
CSN
CSP
CSPIN
IMON_IN
MODE
CLKOUT
SYNC
RT
SS
2.5V
EXTVCC
RSHDN2
INTVCC
BOOST1
TG1
CB1
M1
M2
M3
D1
(OPT)
D2
(OPT)
M4
CB2
DB2
DB1
SW1
GATEVCC
BG1
GND
BG2
SW2
TG2
BOOST2
CSPOUT
CSNOUT
IMON_OUT
FBIN
RFBIN1
RFBOUT1
RFBOUT2
RFBIN2
FBOUT
VC
SWEN
OSC
FAULT_INT
STARTUP
AND FAULT
LOGIC
8705 F01
A7
SHDN
1.234V
–
+
–
+
A5
UV_INTVCC
OT
OI_IN
OI_OUT
UV_VIN
UV_LDO33
UV_GATEVCC
6.35V
LDO
REG
6.35V
LDO
REG
3.3V
LDO
REG
6.4V
EN
EN
INTERNAL
SUPPLY2
INTERNAL
SUPPLY1
VIN
–
+
–
+
–
+
BUCK
LOGIC
BOOST CAPACITOR
CHARGE CONTROL
BOOST
LOGIC
LDO
REG
–
+
A6
SRVO_FBOUT
SRVO_FBIN
SRVO_IOUT
SRVO_IIN
LDO33
–
+
EA4
–
+
EA3
–
+
EA2
1.205V
1.207V
1.208V
IMON_IN
EA1
VIN
RSHDN1
A8
A9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com