Electronic Components Datasheet Search
  English  ▼

X  

LT8705MPFE#PBF Datasheet(PDF) 39 Page - Linear Technology

Part # LT8705MPFE#PBF
Description  80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705MPFE#PBF Datasheet(HTML) 39 Page - Linear Technology

Back Button LT8705MPFE#PBF Datasheet HTML 35Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 36Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 37Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 38Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 39Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 40Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 41Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 42Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
LT8705
39
8705fe
For more information www.linear.com/LT8705
Figure 14. Telecom Voltage Stabilizer
8705 F14a
CSPOUT
CSNOUT
EXTVCC
FBOUT
INTVCC
GATEVCC
SRVO_FBIN
SRVO_FBOUT
SRVO_IIN
SRVO_IOUT
IMON_IN
IMON_OUT
SYNC
CLKOUT
VC
56.2k
202kHz
CSNIN
TG1 BOOST1
L1
22µH
M4
M1
×2
CIN2
4.7µF
×4
SW1 BG1 CSP
CSN
LT8705
GND BG2 SW2 BOOST2
VOUT
48V
5A
VIN
36V TO 80V
TG2
CSPIN
VIN
SHDN
SWEN
LDO33
MODE
FBIN
RT
SS
3.3nF
220pF
CIN1, COUT2: 220µF, 100V
CIN2, COUT1: 4.7µF, 100V, TDK C453X7S2A475M
DB1, DB2: CENTRAL SEMI CMMR1U-02-LTE
L1: 22µH, WÜRTH 74435572200 OR COILCRAFT SER2918H-223
M1, M3: FAIRCHILD FDMS86104
M2, M4: FAIRCHILD FDMS86101
*2 FROM TG1 TO EACH SEPERATE M1 GATE
**2 FROM BG2 TO EACH SEPERATE M3 GATE
215k
71.5k
100k
20k
1µF
1µF
4.7µF
10k
392k
CIN1
220µF
×2
COUT1
4.7µF
×6
4
DB1
DB2
4.7µF
TO
BOOST1
4.7µF
+
COUT2
220µF
×2
+
TO
BOOST2
0.22µF
0.22µF
TO
DIODE DB1
TO
DIODE DB2
M2
M3
×2
1nF
1nF
2*
2**
10m
10
10
LOAD CURRENT (mA)
10
0
20
30
40
50
60
70
100
1000
8705 F14b
80
90
100
10
10000
COILCRAFT SER2918H-223
WURTH 74435572200
VIN = 36V
VOUT = 48V
CCM
LOAD CURRENT (mA)
10
0
20
30
40
50
60
70
100
1000
8705 F14c
80
90
100
10
10000
COILCRAFT SER2918H-223
WURTH 74435572200
VIN = 72V
VOUT = 48V
CCM
Efficiency vs Output Current
(Boost Region)
Efficiency vs Output Current
(Buck Region)
Note: See the front page and the Typical Performance Characteristics section for more curves from this application
circuit using the Coilcraft inductor. The smaller Würth inductor is also suitable in place of the Coilcraft inductor with
some loss in efficiency.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com