Electronic Components Datasheet Search
  English  ▼

X  

LT8705MPFE#PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LT8705MPFE#PBF
Description  80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705MPFE#PBF Datasheet(HTML) 2 Page - Linear Technology

  LT8705MPFE#PBF Datasheet HTML 1Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 2Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 3Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 4Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 5Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 6Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 7Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 8Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
LT8705
2
8705fe
For more information www.linear.com/LT8705
pin conFiguraTion
absoluTe MaxiMuM raTings
VCSP-VCSN, VCSPIN-VCSNIN,
VCSPOUT-VCSNOUT...................................... –0.3V to 0.3V
SS, CLKOUT, CSP, CSN Voltage ................... –0.3V to 3V
VC Voltage (Note 2)................................... –0.3V to 2.2V
RT, LDO33, FBOUT Voltage.......................... –0.3V to 5V
IMON_IN, IMON_OUT Voltage ..................... –0.3V to 5V
SYNC Voltage............................................ –0.3V to 5.5V
INTVCC, GATEVCC Voltage............................ –0.3V to 7V
VBOOST1-VSW1, VBOOST2-VSW2 ..................... –0.3V to 7V
SWEN, MODE Voltage.................................. –0.3V to 7V
SRVO_FBIN, SRVO_FBOUT Voltage........... –0.3V to 30V
SRVO_IIN, SRVO_IOUT Voltage................. –0.3V to 30V
FBIN, SHDN Voltage................................... –0.3V to 30V
(Note 1)
CSNIN, CSPIN, CSPOUT, CSNOUT Voltage ..–0.3V to 80V
VIN, EXTVCC Voltage .................................. –0.3V to 80V
SW1, SW2 Voltage......................................81V (Note 7)
BOOST1, BOOST2 Voltage ......................... –0.3V to 87V
BG1, BG2, TG1, TG2........................................... (Note 6)
Operating Junction Temperature Range
LT8705E (Notes 3, 8)......................... –40°C to 125°C
LT8705I (Notes 3, 8).......................... –40°C to 125°C
LT8705H (Notes 3, 8)......................... –40°C to 150°C
LT8705MP (Notes 3, 8)...................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
FE Package .......................................................300°C
13 14 15 16
TOP VIEW
39
GND
UHF PACKAGE
38-LEAD (5mm
× 7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
SHDN
CSN
CSP
LDO33
FBIN
FBOUT
IMON_OUT
VC
SS
CLKOUT
SYNC
RT
CSPOUT
CSNOUT
EXTVCC
SRVO_FBOUT
SRVO_IOUT
SRVO_IIN
SRVO_FBIN
NC
BOOST1
TG1
SW1
NC
23
22
21
20
9
10
11
12
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 39) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
TOP VIEW
FE PACKAGE
VARIATION: FE38(31)
38-LEAD PLASTIC TSSOP
38
37
36
34
32
30
28
26
24
22
21
20
39
GND
INTVCC
MODE
IMON_IN
SHDN
CSN
CSP
LDO33
FBIN
FBOUT
IMON_OUT
VC
SS
CLKOUT
SYNC
RT
GND
BG1
GATEVCC
BG2
VIN
CSPIN
CSNIN
CSPOUT
CSNOUT
EXTVCC
BOOST1
TG1
SW1
SW2
TG2
BOOST2
TJMAX = 125°C, θJA = 25°C/W
EXPOSED PAD (PIN 39) IS GND, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com