Electronic Components Datasheet Search
  English  ▼

X  

LT8705MPFE#PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT8705MPFE#PBF
Description  80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705MPFE#PBF Datasheet(HTML) 5 Page - Linear Technology

  LT8705MPFE#PBF Datasheet HTML 1Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 2Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 3Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 4Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 5Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 6Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 7Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 8Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
LT8705
5
8705fe
For more information www.linear.com/LT8705
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CSPIN, CSNIN Common Mode Operating Voltage Range
l
1.5
80
V
CSPIN, CSNIN Differential Operating Voltage Range
l
–100
100
mV
VCSPIN-CSNIN to IMON_IN Amplifier A7 gm
VCSPIN – VCSNIN = 50mV, VCSPIN = 5.025V
(All Grades)
(LT8705E, LT8705I)
(LT8705H, LT8705MP)
l
l
0.95
0.94
0.93
1
1
1
1.05
1.06
1.07
mmho
mmho
mmho
IMON_IN Maximum Output Current
l
100
µA
IMON_IN Overvoltage Threshold
l
1.55
1.61
1.67
V
IMON_IN Error Amp EA2 gm
185
µmho
IMON_IN Error Amp EA2 Voltage Gain
130
V/V
CSPOUT, CSNOUT Bias Current
BOOST Capacitor Charge Control Block Not Active
ICSPOUT + ICSNOUT, VCSPOUT = VCSNOUT = 12V
ICSPOUT + ICSNOUT, VCSPOUT = VCSNOUT = 1.5V
45
4
µA
µA
CSPOUT, CSNOUT Common Mode Operating Voltage Range
l
0
80
V
CSPOUT, CSNOUT Differential Mode Operating Voltage
Range
l
–100
100
mV
VCSPOUT-CSNOUT to IMON_OUT Amplifier A6 gm
VCSPOUT – VCSNOUT = 50mV, VCSPOUT = 5.025V
(All Grades)
(LT8705E, LT8705I)
(LT8705H, LT8705MP)
VCSPOUT – VCSNOUT = 5mV, VCSPOUT = 5.0025V
(All Grades)
(LT8705E, LT8705I)
(LT8705H, LT8705MP)
l
l
l
l
0.95
0.94
0.93
0.65
0.55
0.5
1
1
1
1
1
1
1.05
1.085
1.095
1.35
1.6
1.65
mmho
mmho
mmho
mmho
mmho
mmho
IMON_OUT Maximum Output Current
l
100
µA
IMON_OUT Overvoltage Threshold
l
1.55
1.61
1.67
V
IMON_OUT Error Amp EA1 gm
185
µmho
IMON_OUT Error Amp EA1 Voltage Gain
130
V/V
SRVO_IIN Activation Threshold (Note 5)
(VIMON_IN Rising) – (Regulation Voltage for
IMON_IN), VFBIN = 3V, VFBOUT = 0V, VIMON_OUT = 0V
–60
–49
–37
mV
SRVO_IIN Activation Threshold Hysteresis (Note 5)
VFBIN = 3V, VFBOUT = 0V, VIMON_OUT = 0V
22
mV
SRVO_IOUT Activation Threshold (Note 5)
(VIMON_OUT Rising) – (Regulation Voltage for IMON_
OUT), VFBIN = 3V, VFBOUT = 0V, VIMON_IN = 0V
–62
–51
–39
mV
SRVO_IOUT Activation Threshold Hysteresis (Note 5)
VFBIN = 3V, VFBOUT = 0V, VIMON_IN = 0V
22
mV
SRVO_IIN, SRVO_IOUT Low Voltage (Note 5)
I = 100μA
l
110
330
mV
SRVO_IIN, SRVO_IOUT Leakage Current (Note 5)
VSRVO_IIN = VSRVO_IOUT = 2.5V
l
0
1
µA
NMOS Gate Drivers
TG1, TG2 Rise Time
CLOAD = 3300pF (Note 4)
20
ns
TG1, TG2 Fall Time
CLOAD = 3300pF (Note 4)
20
ns
BG1, BG2 Rise Time
CLOAD = 3300pF (Note 4)
20
ns
BG1, BG2 Fall Time
CLOAD = 3300pF (Note 4)
20
ns
TG1 Off to BG1 On Delay
CLOAD = 3300pF Each Driver
100
ns
BG1 Off to TG1 On Delay
CLOAD = 3300pF Each Driver
80
ns
TG2 Off to BG2 On Delay
CLOAD = 3300pF Each Driver
100
ns
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, SHDN = 3V unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com