Electronic Components Datasheet Search
  English  ▼

X  

LT8705MPFE#PBF Datasheet(PDF) 44 Page - Linear Technology

Part # LT8705MPFE#PBF
Description  80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705MPFE#PBF Datasheet(HTML) 44 Page - Linear Technology

Back Button LT8705MPFE#PBF Datasheet HTML 36Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 37Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 38Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 39Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 40Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 41Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 42Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 43Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 44Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
LT8705
44
8705fe
For more information www.linear.com/LT8705
LINEAR TECHNOLOGY CORPORATION 2013
LT 0615 REV E • PRINTED IN USA
relaTeD parTs
Typical applicaTion
PART NUMBER DESCRIPTION
COMMENTS
LT3791-1
60V High Efficiency (Up to 98%) Synchronous 4-Switch
Buck-Boost DC/DC Controller
4.7V ≤ VIN ≤ 60V, 1.2V ≤ 60V, Regulates VOUT, IOUT or IIN, TSSOP-38
LTC3789
High Efficiency (Up to 98%) Synchronous 4-Switch
Buck-Boost DC/DC Controller
4V ≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 38V, SSOP-28, 4mm × 5mm QFN-28
LT3758
High Input Voltage, Boost, Flyback, SEPIC and Inverting
Controller
5.5V ≤ VIN ≤ 100V, Positive or Negative VOUT, 3mm × 3mm DFN-10
or MSOP-10E
LTC3115-1
40V, 2A Synchronous Buck-Boost DC/DC Converter
2.7V ≤ VIN ≤ 40V, 2.7V ≤ VOUT ≤ 40V, 4mm × 5mm DFN-16, TSSOP-20
LTM4609
High Efficiency Buck-Boost DC/DC µModule Regulator
4.5V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 34V, 15mm × 15mm × 2.8mm
12V Output Converter Accepts 4V to 80V Input (5.5V Minimum to Start)
8705 TA03a
CSPOUT
CSNOUT
EXTVCC
FBOUT
INTVCC
GATEVCC
SRVO_FBIN
SRVO_FBOUT
SRVO_IIN
SRVO_IOUT
IMON_IN
IMON_OUT
SYNC
CLKOUT
202kHz
VC
16.5k
CSNIN
TG1 BOOST1
0.22µF
0.22µF
TO DIODE
DB1
TO DIODE
DB2
M1
×2
M4
7m
SW1 BG1 CSP
CSN
LT8705
GND BG2 SW2 BOOST2
VOUT
12V
5.0A (VIN ≥ 5.5V)
4.5A (VIN ≥ 5.0V)
4.0A (VIN ≥ 4.5V)
3.5A (VIN ≥ 4.0V)
VIN
4V TO 80V
(INCREASED
VOUT RIPPLE
FOR VIN > 60V)
TG2
CSPIN
VIN
SHDN
SWEN
LDO33
MODE
FBIN
RT
SS
10nF
220pF
215k
38.3k
20k
1µF
1µF
4.7µF
11.3k
CIN1: 220µF, 100V
CIN2: 4.7µF, 100V, TDK C4532X7S2A475M
COUT1A, COUT1B: 22µF, 25V, TDK C4532X7R1E226M
COUT2: 100µF, 16V, SANYO OS-CON 16SA100M
COUT3: 470µF, 16V
DB1, DB2: CENTRAL SEMI CMMR1U-02-LTE
L1: 15µH, WURTH 7443631500
M1, M2: FAIRCHILD FDMS86101
M3, M4: FAIRCHILD FDMS7692
*2 FROM TG1 TO EACH SEPARATE M1 GATE
102k
CIN1
CIN2
×6
COUT1A
×2
4
DB1
DB2
4.7µF
4.7µF
22nF
TO
BOOST1
100k
4.7µF
2*
+
COUT1B
×3
COUT2
×2
+
COUT3
×3
+
TO
BOOST2
26.1k
M2
15µH
M3
×2
1nF
1nF
4m
10
10
LOAD CURRENT (A)
0
90
95
4
8705 TA03c
85
80
1
2
3
5
100
VIN = 60V
VIN = 40V
VIN = 20V
VIN = 12V
VIN = 5V
VOUT
200mV/DIV
VIN
20V/DIV
10ms/DIV
ILOAD = 2A
8705 TA03c
Efficiency vs Output Current
Input Transient (4V to 80V)
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT8705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com