Electronic Components Datasheet Search
  English  ▼

X  

LT8705MPFE#PBF Datasheet(PDF) 29 Page - Linear Technology

Part # LT8705MPFE#PBF
Description  80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705MPFE#PBF Datasheet(HTML) 29 Page - Linear Technology

Back Button LT8705MPFE#PBF Datasheet HTML 25Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 26Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 27Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 28Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 29Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 30Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 31Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 32Page - Linear Technology LT8705MPFE#PBF Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
LT8705
29
8705fe
For more information www.linear.com/LT8705
applicaTions inForMaTion
Input Voltage Regulation or Undervoltage Lockout
By connecting a resistor divider between VIN, FBIN and
GND, the FBIN pin provides a means to regulate the input
voltage or to create an undervoltage lockout function.
Referring to error amplifier EA3 in the Block Diagram,
when FBIN is lower than the 1.205V reference VC is pulled
low. For example, if VIN is provided by a relatively high
impedancesource(i.e.,asolarpanel)andthecurrentdraw
pulls VIN below a preset limit, VC will be reduced, thus
reducing current draw from the input supply and limiting
the voltage drop. Note that using this function in forced
continuous mode (MODE pin low) can result in current
being drawn from the output and forced into the input.
If this behavior is not desired then use discontinuous or
Burst Mode operation.
To set the minimum or regulated input voltage use:
VIN(MIN) =1.205V • 1+
RFBIN1
RFBIN2
⎛
⎝
⎜
⎞
⎠
⎟
where RFBIN1 and RFBIN2 are shown in Figure 1. Make
sure to select RFBIN1 and RFBIN2 such that FBIN doesn’t
exceed 30V (absolute maximum rating) under maximum
VIN conditions.
This same technique can be used to create an undervolt-
age lockout if the LT8705 is NOT in forced continuous
mode. When in Burst Mode operation or discontinuous
mode, forcing VC low will stop all switching activity. Note
that this does not reset the soft-start function, therefore
resumption of switching activity will not be accompanied
by a soft-start.
to VIN. Tie both pins to VIN if they are not being used.
Also, CSPOUT and CSNOUT should always be tied to a
potential close to VOUT, or be tied directly to VOUT if not
being used.
Boost Diodes DB1 and DB2: Although Schottky diodes
have the benefit of low forward voltage drops, they can
exhibit high reverse current leakage and have the potential
for thermal runaway under high voltage and temperature
conditions. Silicon diodes are thus recommended for
diodes DB1 and DB2. Make sure that DB1 and DB2 have
reverse breakdown voltage ratings higher than VIN(MAX)
and VOUT(MAX) and have less than 1mA of reverse leakage
current at the maximum operating junction temperature.
Make sure that the reverse leakage current at high op-
erating temperatures and voltages won’t cause thermal
runaway of the diode.
In some cases it is recommended that up to 5Ω of resis-
tance is placed in series with DB1 and DB2. The resistors
reduce surge currents in the diodes and can reduce ring-
ing at the SW and BOOST pins of the IC. Since SW pin
ringing is highly dependent on PCB layout, SW pin edge
rates and the type of diodes used, careful measurements
directly at the SW pins of the IC are recommended. If
required, a single resistor can be placed between GAT-
EVCC and the common anodes of DB1 and DB2 (as in the
front page application) or by placing separate resistors
between the cathodes of each diode and the respective
BOOST pins. Excessive resistance in series with DB1
and DB2 can reduce the BOOST-SW capacitor voltage
when the M2 or M3 on-times are very short and should
be avoided.
Output Voltage
The LT8705 output voltage is set by an external feedback
resistive divider carefully placed across the output capaci-
tor. The resultant feedback signal (FBOUT) is compared
with the internal precision voltage reference (typically
1.207V) by the error amplifier EA4. The output voltage is
given by the equation:
VOUT =1.207V • 1+
RFBOUT1
RFBOUT2
⎛
⎝
⎜
⎞
⎠
⎟
where RFBOUT1 and RFBOUT2 are shown in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com