Electronic Components Datasheet Search
  English  ▼

X  

MAX1809EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1809EEE
Description  3A, 1MHz, DDR Memory Termination Supply
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1809EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1809EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
3A, 1MHz, DDR Memory Termination Supply
8
_______________________________________________________________________________________
where C = 2.5nF and fSW is the switching frequency.
Resistive losses in the two power switches are approxi-
mated by:
PD(RES) = IOUT2 ✕ RPMOS
where RPMOS is the on-resistance of the PMOS switch.
The junction-to-ambient thermal resistance required to
dissipate this amount of power is calculated by:
θJA = (TJ,MAX - TA,MAX) / (PD(CAP) + PD(RES))
where:
θJA = junction-to-ambient thermal resistance
TJ,MAX = maximum junction temperature
TA,MAX = maximum ambient temperature
Design Procedure
For typical applications, use the recommended compo-
nent values in Figure 1. For other applications, take the
following steps:
1) Select the desired PWM-mode switching frequency.
See Figure 4 for maximum operating frequency.
2) Select the constant off-time as a function of input
voltage, output voltage, and switching frequency.
3) Select RTOFF as a function of off-time.
4) Select the inductor as a function of output voltage,
off-time, and peak-to-peak inductor current.
Setting the Output Voltage
The output voltage of the MAX1809 is set by an external
voltage applied to the EXTREF pin. This can come directly
from another voltage source or external reference.
As an active termination supply in DDR applications
(see Active Bus Termination in the Applications
Information section), the output of the MAX1809 is reg-
ulated at half the DDR supply voltage. In mobile sys-
tems, the DDR supply voltage is 2.5V, and the
termination voltage is 1.25V ±40mV. To regulate to
1.25V, an external divide-by-2 resistor network is
placed across the DDR supply voltage to generate
1.25V. This 1.25V is connected to EXTREF, which sets
the output voltage of the MAX1809. When FB is directly
tied to the output (Figure 5), the output voltage range is
limited by the external reference’s input voltage limits
(see EC table). External reference may not be set within
1.7V of the minimum supply voltage. VEXTREF should
be limited to less than 1.4V for 3.3V input voltage.
Failure to comply can cause the part to operate abnor-
mally and may cause part damage.
Alternatively, the output can be adjusted up to VIN by
connecting FB to a resistor-divider between the output
voltage and ground (Figure 6). Use 50k
Ω for R1. R2 is
given by:
RR
V
V
OUT
EXTREF
21
1
=


−
Figure 2. Functional Diagram
VCC
2.2
µF
1
µF
0.01
µF
PWM LOGIC
AND
DRIVERS
SS
IN
FB
VIN
(3.0V TO 5.5V)
LX
L
CIN
CERAMIC
PGND
RTOFF
GND
REF
REF
SHDN
EXTREF
TIMER
VIN
CURRENT
SENSE
MAX1809
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com