Electronic Components Datasheet Search
  English  ▼

X  

MAX1809EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1809EEE
Description  3A, 1MHz, DDR Memory Termination Supply
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1809EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1809EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3A, 1MHz, DDR Memory Termination Supply
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS
(VIN = VCC = 3.3V, VEXTREF = 1.1V, TA = -40°C to +85°C, unless otherwise noted.) (Note 4)
Note 2: The output voltage will have a DC-regulation level lower than the feedback error comparator threshold by 50% of the ripple.
Note 3: Recommended operating frequency, not production tested.
Note 4: Specifications from 0°C to -40°C are guaranteed by design, not production tested.
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VCC = 3.3V, VEXTREF = 1.1V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SS Source Current
ISS
4
5
6
µA
SS Sink Current
ISS
VSS = 1V
1
50
mA
SHDN Input Current
VSHDN = 0, VCC
-1
+1
µA
VIL
0.8
SHDN Logic Levels
VIH
2
V
Maximum Output RMS Current
IOUT(RMS)
3.1
ARMS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN, VCC
3.0
5.5
V
Feedback Voltage Accuracy
(VFB - VEXTREF)
VIN = VCC = 3V to 5.5V, ILOAD = 0,
VEXTREF = 1.25V
-24
+24
mV
External Reference Voltage
Range
VEXTREF
VIN = VCC = 3 V to 5.5V
VREF -
0.01V
VIN -
1.9V
V
Reference Voltage
VREF
1.067
1.133
V
VIN = 4.5V
200
PMOS Switch
On-Resistance
RPMOS
ILX = 0.5A
VIN = 3V
250
m
Ω
VIN = 4.5V
150
NMOS Switch
On-Resistance
RNMOS
ILX = 0.5A
VIN = 3V
200
m
Ω
Current-Limit Threshold
ILIMIT
VIN > VLX
3.3
4.9
A
FB Input Bias Current
IFB
VFB = VEXTREF + 0.1V
300
nA
Off-Time
tOFF
RTOFF = 110k
Ω
0.85
1.15
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com