Electronic Components Datasheet Search
  English  ▼

X  

MAX1809EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1809EEE
Description  3A, 1MHz, DDR Memory Termination Supply
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1809EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1809EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
3A, 1MHz, DDR Memory Termination Supply
______________________________________________________________________________________
13
the dissipation in the termination resistor is halved com-
pared to a termination scheme that connects the resistive
terminators to ground.
The VTT supply requires that it regulates to half the
memory voltage (VDDQ), tracks the changes of the
memory voltage, and is able to source and sink current
depending on the state of the bus. These requirements
are met in the MAX1809.
Discharging the Output in Shutdown
When SHDN is brought low after the controller has
been on for a while, the output may remain high if there
is no leakage or discharge path to bring the output
down. For DDR memory systems, keeping VTT at 1.25V
when VDDQ (2.5V) is shut down violates the DDR speci-
fications. This can result in the bus latching if the sys-
tem is subsequently turned on or possibly damaging
the memory subsystem.
When using the MAX1809 to generate the VTT output of
1.25V, several circuits are recommended to discharge
the output when the MAX1809 is shut down. These are
shown in Figure 9. Solution (a) is a diode added from
VTT to VDDQ so that VTT is discharged when VDDQ
goes low. Alternatively, solution (b) uses a small signal
transistor to discharge VTT when the MAX1809 is shut
down.
Startup in Sinking Mode
The MAX1809 will not startup until the feedback voltage
is made less than the external reference voltage when
power is applied or when the part is exiting shutdown.
In applications that cannot guarantee VFB < VEXTREF
Figure 10. Starting the MAX1809 in Sinking Mode with VOUT
>VEXTREF
MAX1809
IN
CIN
VCC
INPUT VOLTAGE
(3V TO 5.5V)
SHDN
SS
LX
L
PGND
GND
FB
SHDN
VTT =VDDQ/2
10
Ω
100
Ω
COUT
2.2
µF
0.01
µF
Figure 9. Discharging the Output of the MAX1809 in Shutdown
MAX1809
IN
CIN
VCC
INPUT VOLTAGE
(3V TO 5.5V)
SHDN
EXTREF
LX
L
(a)
(b)
PGND
GND
FB
SHDN
SHDN
2N7002
VTT = VDDQ/2
10
Ω
10k
Ω
10k
Ω
VDDQ
(2.5V)
VSSQ
COUT
0.1
µF
2.2
µF
0.1
µF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SHDN
LX
PGND
LX
PGND
VCC
GND
REF
GND
TOP VIEW
MAX1809
QSOP
IN
LX
EXTREF
IN
SS
TOFF
FB
Pin Configurations (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com