Electronic Components Datasheet Search
  English  ▼

X  

MAX1809EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1809EEE
Description  3A, 1MHz, DDR Memory Termination Supply
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1809EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1809EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
3A, 1MHz, DDR Memory Termination Supply
_______________________________________________________________________________________
5
LOAD-TRANSIENT RESPONSE
0A
0V
50mV/div
IOUT
5A/div
V(LX)
5V/div
VOUT
(AC-COUPLED)
10
µs/div
VEXTREF = 1.25V, VIN = 3.3V, IOUT = -2A to +2A to -2A
RDROOP 12m
Ω
LINE-TRANSIENT RESPONSE
0V
50mV/div
VIN
2V/div
VOUT
(AC-COUPLED)
20
µs/div
IOUT = 2A, VIN = 5V to 3.3V to 5V
SWITCHING WAVEFORMS (SOURCING)
0V
50mV/div
V(LX)
5V/div
VOUT
(AC-COUPLED)
400ns/div
IOUT = 2A, VIN = 5V
I(LX)
2A/div
0A
SWITCHING WAVEFORMS (SINKING)
0V
50mV/div
V(LX)
5V/div
VOUT
(AC-COUPLED)
400ns/div
IOUT = -2A, VIN = 5V
I(LX)
2A/div
0A
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VOUT = 1.25V, for VIN = 5V: L = 1µH, RTOFF = 130k
Ω; for VIN = 3.3V: L = 0.68µH, RTOFF = 73.2kΩ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com