Electronic Components Datasheet Search
  English  ▼

X  

MAX1809EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1809EEE
Description  3A, 1MHz, DDR Memory Termination Supply
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1809EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1809EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
3A, 1MHz, DDR Memory Termination Supply
4
_______________________________________________________________________________________
50
65
60
55
70
75
80
85
90
95
100
EFFICIENCY vs. OUTPUT CURRENT
(SOURCING)
OUTPUT CURRENT (A)
03
2
1
RDROOP = 0
Ω
VIN = 5V,
VOUT = 2.5V
VIN = 3.3V,
VOUT = 1.25V
VIN = 5V,
VOUT = 1.25V
EFFICIENCY vs. OUTPUT CURRENT
(SINKING)
OUTPUT CURRENT (A)
03
2
1
50
60
55
75
70
65
90
85
80
95
RDROOP = 0
Ω
VIN = 5V,
VOUT = 1.25V
VIN = 5V,
VOUT = 2.5V
VIN = 3.3V,
VOUT = 1.25V
-2.2
-2.6
-3.0
-1.8
-1.4
-0.6
-1.0
-0.2
-3
-2
-1
0123
NORMALIZED OUTPUT ERROR
vs. OUTPUT CURRENT
OUTPUT CURRENT (A)
VIN = 3.3V
VIN = 5V
4
0
12
8
20
16
24
02
3
1
456
NO-LOAD
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VIN (V)
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
4.5
4.0
5.0
0
100 150 200
50
250 300 350
450
400
500
OFF-TIME vs. RTOFF
RTOFF (k
Ω)
0
400
200
800
600
1000
1200
SWITCHING FREQUENCY
vs. OUTPUT CURRENT
OUTPUT CURRENT (A)
-3
-1
-2
0123
VIN = 5V
VIN = 3.3V
STARTUP AND SHUTDOWN
0A
0V
0V
0V
1A/div
VOUT
1V/div
VSHDN
5V/div
IIN
1ms/div
VSS
2V/div
VIN = 3.3V, ROUT = 0.5
Ω
LOAD-TRANSIENT RESPONSE
0A
0V
50mV/div
IOUT
5A/div
V(LX)
5V/div
VOUT
(AC-COUPLED)
10
µs/div
VEXTREF = 1.25V, VIN = 3.3V, IOUT = -2A to +2A to -2A
RDROOP = 0
Ω
Typical Operating Characteristics
(Circuit of Figure 1, VOUT = 1.25V, for VIN = 5V: L = 1µH, RTOFF = 130k
Ω; for VIN = 3.3V: L = 0.68µH, RTOFF = 73.2kΩ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com