Electronic Components Datasheet Search
  English  ▼

X  

MAX1809EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1809EEE
Description  3A, 1MHz, DDR Memory Termination Supply
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1809EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1809EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX1809 is a reversible energy flow, constant-off-
time, pulse-width modulated (PWM), step-down DC-DC
converter. It is ideal for use in notebook and subnote-
book computers that require 1.1V to 5V active
termination power supplies. This device features an
internal PMOS power switch and internal synchronous
rectifier for high efficiency and reduced component
count. The internal 90m
Ω PMOS power switch and
70m
Ω NMOS synchronous-rectifier switch easily deliver
continuous load currents up to 3A. The MAX1809 accu-
rately tracks an external reference voltage, produces
an adjustable output from 1.1V to VIN, and achieves
efficiencies as high as 93%.
The MAX1809 uses a unique current-mode, constant-
off-time, PWM control scheme that allows the output to
source or sink current. This feature allows energy to
return to the input power supply that otherwise would
be wasted. The programmable constant-off-time archi-
tecture sets switching frequencies up to 1MHz, allowing
the user to optimize performance trade-offs between
efficiency, output switching noise, component size, and
cost. The MAX1809 features an adjustable soft-start to
limit surge currents during startup, a 100% duty-cycle
mode for low-dropout operation, and a low-power shut-
down mode that disables the power switches and
reduces supply current below 1µA. The MAX1809 is
available in a 28-pin QFN with an exposed backside
pad, a 28-pin thin QFN, or a 16-pin QSOP.
Applications
DDR Memory Termination
Active Termination Buses
Features
o Source/Sink 3A
o ±1% Output Accuracy
o Up to 1MHz Switching Frequency
o 93% Efficiency
o Internal PMOS/NMOS Switches
90m
Ω/70mΩ On-Resistance at VIN = 4.5V
110m
Ω/80mΩ On-Resistance at VIN = 3V
o 1.1V to VIN Adjustable Output Voltage
o 3V to 5.5V Input Voltage Range
o <1µA Shutdown Supply Current
o Programmable Constant-Off-Time Operation
o Thermal Shutdown
o Adjustable Soft-Start Inrush Current Limiting
o Output Short-Circuit Protection
3A, 1MHz, DDR Memory Termination Supply
________________________________________________________________ Maxim Integrated Products
1
IN
N.C.
LX
IN
N.C.
SS
EXTREF
PGND
PGND
LX
LX
PGND
VCC
GND
TOP VIEW
THIN QFN
15
16
17
18
19
20
21
7
6
5
4
3
2
1
MAX1809
Pin Configurations
Ordering Information
MAX1809
IN
VOUT
VCC
VIN
VSET
SHDN
EXTREF
TOFF
LX
PGND
GND
FB
REF
SS
Typical Operating Circuit
19-2142; Rev 1; 9/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX1809EGI*
-40°C to +85°C
28 QFN
MAX1809EEE
-40°C to +85°C
16 QSOP
MAX1809ETI
-40°C to +85°C
28 Thin QFN
Pin Configurations continued at end of data sheet.
*Contact factory for availability.


Similar Part No. - MAX1809EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
MAX180-MAX181 MAXIM-MAX180-MAX181 Datasheet
732Kb / 20P
Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
MAX1800 MAXIM-MAX1800 Datasheet
461Kb / 24P
Digital Camera Step-Up Power Supply
19-1833; Rev 0; 10/00
logo
Analog Devices
MAX18000 AD-MAX18000 Datasheet
1Mb / 17P
500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
MAX18000AWT+T AD-MAX18000AWT+T Datasheet
1Mb / 17P
500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
More results

Similar Description - MAX1809EEE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3413 LINER-LTC3413 Datasheet
243Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
logo
BCD Semiconductor Manuf...
AP2302 BCDSEMI-AP2302 Datasheet
154Kb / 13P
3A DDR TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
3A DDR Bus Termination Regulator
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
3A DDR Termination Regulator
logo
Unisonic Technologies
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
3A DDR BUS TERMINATION REGULATOR
logo
Monolithic Power System...
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
3A, 1.3V??.0V DDR Memory Termination Regulator
logo
Linear Technology
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
DDR Memory Termination Regulator
April, 2015 ??Rev. 3
logo
Monolithic Power System...
EV20075DH-00A MPS-EV20075DH-00A Datasheet
147Kb / 4P
3A, 1.30V ??3.6V DDR Memory VTT Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517_18 Datasheet
814Kb / 9P
3A DDR BUS TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com