Electronic Components Datasheet Search
  English  ▼

X  

MAX1809EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1809EEE
Description  3A, 1MHz, DDR Memory Termination Supply
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1809EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1809EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1809EEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
3A, 1MHz, DDR Memory Termination Supply
_______________________________________________________________________________________
9
Programming the Switching Frequency
and Off-Time and On-Time
The MAX1809 features a programmable PWM-mode
switching frequency, which is set by the input and out-
put voltage and the value of RTOFF, connected from
TOFF to GND. RTOFF sets the PMOS power switch off-
time in PWM mode. Use the following equation to select
the off-time while sourcing current according to the
desired switching frequency in PWM mode:
where:
tOFF = the programmed off-time
VIN = the input voltage
VOUT = the output voltage
VPMOS = the voltage drop across the internal
PMOS power switch
|IOUT ✕ RPMOS|
VNMOS = the voltage drop across the internal
NMOS synchronous-rectifier switch
|IOUT ✕
RNMOS|
fSW = switching frequency
Make sure that tON and tOFF are greater than 400ns
when sourcing current. Select RTOFF according to the
formula:
RTOFF = (tOFF - 0.07µs) ✕ (117k
Ω /1.00µs)
Recommended values for RTOFF range from 36k
Ω to
430k
Ω for off-times of 0.4µs to 4µs.
When sinking current, the switching frequency increas-
es due to the on-resistances of the internal switches
adding to the voltage across the inductor, reducing the
on-time. Calculate tON when sinking current using the
equation:
Check that tON in the current sinking mode is greater
than 350ns.
Inductor Selection
The key inductor parameters must be specified: inductor
value (L) and peak current (IPEAK). The following equa-
tion includes a constant, denoted as LIR, which is the
ratio of peak-to-peak inductor AC current (ripple current)
tt
VV
VV
V
ON
OFF
OUT
NMOS
IN
OUT
PMOS
=
+
−
−
t
VV
V
fV
V
V
OFF
IN
OUT
PMOS
SW
IN
PMOS
NMOS
=
()
+
()
−−
−
Figure 3. Sourcing and Sinking Capabilities of the MAX1809
SYNCHRONOUS BUCK MODE
(SOURCING CURRENT)
VIN
VOUT
ISOURCE
SYNCHRONOUS BOOST MODE
(SINKING CURRENT)
VIN
VSOURCE > VOUT
ISINK
Figure 4. Maximum Recommended Operating Frequency vs.
Input Voltage
0
400
200
800
600
1200
1000
1400
2.7
3.1
3.5
4.3
4.7
5.1
5.5
3.9
VIN (V)
VOUT = 2.5V
VOUT = 1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com