Electronic Components Datasheet Search
  English  ▼

X  

IR2161 Datasheet(PDF) 3 Page - International Rectifier

Part # IR2161
Description  HALOGEN CONVERTOR CONTROL IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2161 Datasheet(HTML) 3 Page - International Rectifier

  IR2161 Datasheet HTML 1Page - International Rectifier IR2161 Datasheet HTML 2Page - International Rectifier IR2161 Datasheet HTML 3Page - International Rectifier IR2161 Datasheet HTML 4Page - International Rectifier IR2161 Datasheet HTML 5Page - International Rectifier IR2161 Datasheet HTML 6Page - International Rectifier IR2161 Datasheet HTML 7Page - International Rectifier IR2161 Datasheet HTML 8Page - International Rectifier IR2161 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
IR2161(S)&(PbF)
www.irf.com
3
Electrical Characteristics
VCC = VBS = VBIAS = 14V, +/- 0.25V, VCSD = 5.0V, CLO =CHO = 1000 pF, and TA = 25°C unless otherwise specified.
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
VCCUV+
VCC supply undervoltage positive going
threshold
11.5
12.1
12.7
VCC rising from 0V
VCCUV-
VCC supply undervoltage negative going
threshold
10
10.5
11
VCC falling from 14V
VCCUVL-
VCC supply softstart reset negative going
threshold
—
—
5.5
VCC - VCCUV- (-2V)
IQCCUV
UVLO mode quiescent current
—
250
300
VCC = 11V
ICCFLT
Fault-mode quiescent current
—
1.4
2.0
CS=8V, VCSD=0V
ICCLF
VCC current (low frequency)
—
2.0
3.0
VCC=14V,VCSD=5.2V
ICCHF
VCC current (high frequency)
—
4.0
7.0
VCC=14V,VCSD=0V
VCLAMP
VCC zener clamp voltage
14.5
15.4
16.5
V
ICC = 5mA
Supply Characteristics
V
μA
mA
Floating Supply Characteristics
Voltage Compensation Characteristics (Run Mode)
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
VCSD (min) Min CSD voltage (in Run Mode)
—
0
—
V
VCS = 0V
VCSD (max) Max CSD voltage (in Run Mode)
—
5.5
—
V
VCS = 0.4V
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
VBSMIN
Minimum VBS to start oscillation at HO
3.0
3.6
4.3
V
IBSHF
VBS high frequency supply current
—
3.0
—
VCC=14V,VBS=14V,
VCSD=0V
IBSLF
VBS low frequency supply current
—
0.8
—
VCC=14V,VBS=14V,
VCSD=5.2V
ILEAK
Offset supply leakage current
—
—
50
μAVB = VS = 600V
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com