Electronic Components Datasheet Search
  English  ▼

X  

IR2161 Datasheet(PDF) 6 Page - International Rectifier

Part # IR2161
Description  HALOGEN CONVERTOR CONTROL IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2161 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR2161 Datasheet HTML 2Page - International Rectifier IR2161 Datasheet HTML 3Page - International Rectifier IR2161 Datasheet HTML 4Page - International Rectifier IR2161 Datasheet HTML 5Page - International Rectifier IR2161 Datasheet HTML 6Page - International Rectifier IR2161 Datasheet HTML 7Page - International Rectifier IR2161 Datasheet HTML 8Page - International Rectifier IR2161 Datasheet HTML 9Page - International Rectifier IR2161 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
IR2161(S)&(PbF)
6
www.irf.com
NOTE: If the IR2161 die temperature exceeds 135o at any time the system will enter FAULT Mode. At a typical frequency of
40kHz, the die temperature is approximately 12oC above the ambient air temperature
UVLO Mode
I
QCC ≅
300
μA
Oscillator Off
SOFTSTART
Mode
RUN Mode
Fault Timing Mode
VCC > 12.1V (VCCUV+)
VCSD > 5.2V
(End of SOFTSTART Mode)
CSD discharged to 0V
Power Turned On
SHUTDOWN Mode
(Over-Temperature)
(Phase Cut Dimming)
- Bridge On
CSD charged from Isource
Initial frequency 130kHz
Frequency ramps down to
f(min)
-Bridge Off
1/
2
1/
2
CSD switched to Comp function
CSD varies between
VCSD (min) = 0 for f(min)
to VCSD(max) = 5.5V for f(max)
Fault Detected (Vpk at VCS > 0.56V (V
))
CSD switched to Shutdown Circuit
Frequency defaults to f(min)
- Bridge On
1/
2
VCS >0.56V(VCSOL)=Overload:CSD slow charge
VCS > 1.2V (VCSSC) = Short Circuit : CSD
fast charge
Fault Removed
CSD switched to
run mode
(Vpk at VCS < 0.5V)
Fault Confirmed
(VCSD > 12V)
CSD is slowly discharged
Auto-Restart Timeout
(VCSD < 2.4V) (VCSDRS)
CSD switched to run mode
Oscillator On
CSD initialized to 5V (VCSDOL)
CSD is slowly
discharged to 2.4V
(VCSDRS)
Delay
STANDBY Mode
I
QCC ≅
300
μA
Oscillator Off
-Bridge Off
1/
2
VCC < 5.5V (VCCUVL-)
(Power Turned Off)
VCC > 12.1V(VCCUV+)
Oscillator On
FAULT Mode
Oscillator Off
-Bridge Off
1/
2
VCC < 5.5V (VCCUVL-)
(Power Turned Off)
Fault Detected
(Vpk at VCS > 0.56V)(V
)
CSD = 0V
(Over-Temperature)
Voltage compensation active
(Phase Cut Dimming)
T
J
(Tjmax)
T
J
(Tjmax)
T
J
(Tjmax)
T
J
(Tjmax)
-Bridge Off
1/
2
(VCSLATCH)
Fault Detected
(Vpk at VCS > 9V)
(V
)
(VCSDSD)
<135 C
o
<135 C
o
<135 C
o
<135 C
o
CSOL
VCC < 10.5V (V
)
CCUV-
VCC < 10.5V (V
)
CCUV-
CSOL
CSOL
All values are typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com