Electronic Components Datasheet Search
  English  ▼

X  

IR2161 Datasheet(PDF) 9 Page - International Rectifier

Part # IR2161
Description  HALOGEN CONVERTOR CONTROL IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2161 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR2161 Datasheet HTML 5Page - International Rectifier IR2161 Datasheet HTML 6Page - International Rectifier IR2161 Datasheet HTML 7Page - International Rectifier IR2161 Datasheet HTML 8Page - International Rectifier IR2161 Datasheet HTML 9Page - International Rectifier IR2161 Datasheet HTML 10Page - International Rectifier IR2161 Datasheet HTML 11Page - International Rectifier IR2161 Datasheet HTML 12Page - International Rectifier IR2161 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
IR2161(S)&(PbF)
www.irf.com
9
5V
CSD
Set Oscillator
Range
ISS
minimum frequency over a period of around 1s (assuming
CSD=100nF). During this time the external capacitor at the
CSD pin charges from 0V to 5V, controlling the oscillator
frequency through the internal voltage controlled oscillator
(VCO). The value of CSD will determine the duration of the
soft start sweep. However, since it also governs the shut
down circuit delays, the value should be kept at 100nF to
achieve the datasheet operation.
Figure 2, Halogen Convertor.
It can be seen from Figure 2, that at switch on, the CSD
capacitor is internally switched to the soft start circuit input.
A current source charges CSD linearly to 5V over a period
of 0.5s at which time the comparator output goes high. The
PMOS switch opens and the ISS current source is
disconnected from CSD. The comparator latches high at this
point and this causes the oscillator range to change and the
CSD capacitor to be disconnected from the soft start circuit
and connected to the voltage compensation circuit. The
latching comparator has a built in delay of at least 20uS in
order to prevent false triggering caused by transients.
Figure 3, Typical Cold Lamp Inrush Current.
Figure 4, Cold Lamp Inrush Current with Soft Start.
Run Mode (Voltage Compensation)
When soft start is completed the system switches over to
compensation mode. This function provides some regula-
tion of the output voltage of the convertor from minimum to
maximum load. In this type of system it is desirable that the
voltage supplied to the lamp does not exceed a particular
limit. If the lamp voltage becomes too high the temperature
of the filament runs too high and the life of the lamp is
significantly reduced. The problem is that the output trans-
former is never perfectly coupled so there will always be a
degree of load regulation.
The transformer has to be designed such that the lamp
voltage at maximum load is sufficiently high to ensure
adequate light output.
At minimum load the voltage will consequently be higher
and is likely to exceed the maximum desired lamp voltage.
In the widely used self-oscillating system based around
bipolar power transistors, there is some frequency change
(increasing the frequency reduces the output voltage)
depending on the load that helps to compensate for this,
although this is non-linear and depends on many parameters
in the circuit and so is not easy to predict.
The IR2161 based system includes a function that monitors
the load current through the current sense resistor (RCS).
The peak current is detected and amplified within the IC
then appears at the CSD pin during run mode. The voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com