Electronic Components Datasheet Search
  English  ▼

X  

IR2161 Datasheet(PDF) 11 Page - International Rectifier

Part # IR2161
Description  HALOGEN CONVERTOR CONTROL IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2161 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2161 Datasheet HTML 7Page - International Rectifier IR2161 Datasheet HTML 8Page - International Rectifier IR2161 Datasheet HTML 9Page - International Rectifier IR2161 Datasheet HTML 10Page - International Rectifier IR2161 Datasheet HTML 11Page - International Rectifier IR2161 Datasheet HTML 12Page - International Rectifier IR2161 Datasheet HTML 13Page - International Rectifier IR2161 Datasheet HTML 14Page - International Rectifier IR2161 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
IR2161(S)&(PbF)
www.irf.com
11
convertor is close to maximum load. If the load is reduced,
the average level at which the ripple occurs (i.e. the DC
component) will be at a lower level.
Shut Down Circuit
The IR2161 contains a dual mode auto-resetting shutdown
circuit that detects both a short circuit or overload condition
in the convertor. The load current detected at the CS pin is
used to sense these conditions. If the output of the convertor
is short-circuited, a very high current will flow in the half
bridge and the system must shut down within a few mains
half cycles, otherwise the MOSFETs will rapidly be destroyed
due to excessive junction temperature. The internal CS pin
has an internal threshold (VCSSC). There also exists a lower
threshold so that if the voltage exceeds this level for more
than 50mS, the system will shut down.
A delay is included to prevent false tripping either due to
lamp inrush current at switch on (this current is still higher
than normal with the soft start operation) or transient
currents that may occur if an external triac based phase
cut dimmer is being used.
There also exists a lower threshold (VCSOL), which has a
much longer delay before it shuts down the system. This
provides the overload protection if an excessive number of
lamps is connected to the output or the output is short-
circuited at the end of a length of cable that has sufficient
resistance to prevent the current from being large enough
to trip the short circuit protection. Also under this condition
there is an excessive current in the half bridge that is
sufficient to cause heating and eventual failure but over a
longer period of time. The threshold for overload shutdown
is approximately 50% above maximum load with a delay of
approximately 0.5s. These timings are based on a current
waveform that has a sinusoidal envelope and a high
frequency square wave component with 50% duty cycle.
Both shutdown modes are auto resetting, which allows the
oscillator to start again approximately 1.5s after shutting
down. This is so that if the fault condition is removed the
system can start operating normally again without the line
voltage having to be switched off and back on again. It also
provides a good indication of overload to the end user as all
the lamps connected to the system will flash on and off
continuously if too many are connected.
The shut down circuit also uses the external CSD capacitor for
it’s timing functions. When the 0.5V threshold (VCSOL) is ex-
ceeded at CS the CSD is internally disconnected from the voltage
compensation circuit and connected to the shutdown circuit.
Figure 8, Shut Down Circuit.
The oscillator operates at minimum frequency when the
CSD capacitor is required for shutdown circuit timing.
During soft start or run mode, if the 0.5V threshold (VCSOL)
is exceeded the IR2161 charges CSD rapidly to approxi-
mately 5V (VCSDOL).
When the voltage at the CS input is greater than 0.5V, the
CSD capacitor is charged by current source IOL and when
the short circuit threshold of 1.2V is exceeded it is charged
by ISC as well. If 1.2V is exceeded CSD will charge from 5V
(VCSDOL) to 12V (VCSDSD), in approximately 50ms. When
0.5V is exceeded but 1.2V is not, CSD charges from 5V
(VCSDOL) to 12V (VCSDSD) in approximately 0.5s. It should
be remembered that, the timing accounts for the fact that
high frequency pulses with approximately 50% duty cycle
and a sinusoidal envelope appear at the CS pin.
The values of ISC and IOL take into account that only at the
peak of the mains will the comparator outputs go high and
effectively the capacitor will be charged in steps each line
half cycle. Once VCSD reaches 12V (VCSDSD), VCSD
discharges down to 2.4V (VCSDRS) and the system starts
up again. If the fault mode is still present, CSD starts
charging again.
If a fault is detected but goes away before CSD reaches
12V (VCSDSD), then CSD will discharge to 2.4V (VCSDRS)
and then the system will revert to compensation mode
without interruption of the output.
Following a shutdown, when the system starts up again
after the delay, the CSD capacitor will be internally switched
back to the voltage compensation circuit. However, if the
fault is still present the system will switch CSD back to the
shutdown circuit again.
1.2V
0.54V
Q
S
RQ
12V
2.5V
CSD
Enable Outputs
CS
I_OL
I_SC
Shutdown Function
Overload Function
Switch
I_RESET
4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com